Electronic Components Datasheet Search
  English  ▼

X  

SP40T Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button SP40T Datasheet HTML 45Page - Infineon Technologies AG SP40T Datasheet HTML 46Page - Infineon Technologies AG SP40T Datasheet HTML 47Page - Infineon Technologies AG SP40T Datasheet HTML 48Page - Infineon Technologies AG SP40T Datasheet HTML 49Page - Infineon Technologies AG SP40T Datasheet HTML 50Page - Infineon Technologies AG SP40T Datasheet HTML 51Page - Infineon Technologies AG SP40T Datasheet HTML 52Page - Infineon Technologies AG SP40T Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Data Sheet
49
Revision1.1
2020-05-14
SP40T
Tire Pressure Monitoring Sensor
Functional Descriptions
Figure 5-12 RF Transmission Controller flow diagram
5.10.1
SOM and EOM Feature
The transmission controller can be configured for sending an 1 to 24 bit long start of message (SOM) pattern prior
to transmitting the payload and for appending an 1 to 8 bit long end of message (EOM) terminator at the end of
the telegram. These bits are transmitted uncoded (NRZ) with the chip-rate, i.e. twice the selected Baud-rate.
Figure 5-13 shows an example of a 9.6 kBaud transmission of a telegram consisting of a 3 bit SOM pattern,
followed by one Manchester coded data byte, and terminated by a 3 bit EOM pattern. In this example the SOM
and the EOM generate intended Manchester code violations.
Read & send data
bytes
Repeat
transmission of
payload?
Send EOM if enabled
Interframe-
Delay = 0?
Definition of first
telegram and
interframe delay
Start Transmission
Controller
Enter RF Low Power
State
yes
Resume from RF Low
Power State
Power down
requested ?
yes
Resume from RF Low
Power State
no
Enter Power Down
State
yes
no
no
Definition of next
telegram frame and
interframe delay.
Enter RF Low Power
State
Continue application
code
MCU off
MCU and
Transmission
Controller off
MCU off
Transmission
Controller off
Start
Calibrations and
configurations
Color code:
Carried out by MCU
Carried out by
transmission controller
Interframe delay
Send SOM if enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com