Electronic Components Datasheet Search
  English  ▼

X  

SP40T Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SP40T Datasheet HTML 3Page - Infineon Technologies AG SP40T Datasheet HTML 4Page - Infineon Technologies AG SP40T Datasheet HTML 5Page - Infineon Technologies AG SP40T Datasheet HTML 6Page - Infineon Technologies AG SP40T Datasheet HTML 7Page - Infineon Technologies AG SP40T Datasheet HTML 8Page - Infineon Technologies AG SP40T Datasheet HTML 9Page - Infineon Technologies AG SP40T Datasheet HTML 10Page - Infineon Technologies AG SP40T Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Data Sheet
7
Revision1.1
2020-05-14
SP40T
Tire Pressure Monitoring Sensor
Specification
2.2
Operating Range
The operating range defines the ambient conditions where the device operates as specified. Certain specified
parameters in this data sheet may depend on additional operating conditions. These additional conditions are
indicated in the corresponding sections.
Table 2-2 Operating Range
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Supply Voltage1)
1) Supply voltage must be connected to VDDBAT pin.
VDD
VUVRA
–
3.6
V
Device not in power
down state
3.1
VUVRPD –
3.6
V
Device in power down
state
3.2
Ambient Temperature TOperating
-40
–
125
°C
Normal Operation
3.3
TFlash
-20
–
90
°C
FLASH
programming/erasing
3.4
Extended
Temperature Range
TEXT
-50
150
°C
Thermal shutdown
functional. VDD = VUVRA
to 3.6 V. Exposure to
125°C...150°C maximal
24h over lifetime
3.5
z-axis Acceleration
aOperating
-1600
–
1600
g
Exceeding this
acceleration will result
in a higher pressure
error as specified.
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com