Electronic Components Datasheet Search
  English  ▼

X  

SP40T Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 1 Page - Infineon Technologies AG

  SP40T Datasheet HTML 1Page - Infineon Technologies AG SP40T Datasheet HTML 2Page - Infineon Technologies AG SP40T Datasheet HTML 3Page - Infineon Technologies AG SP40T Datasheet HTML 4Page - Infineon Technologies AG SP40T Datasheet HTML 5Page - Infineon Technologies AG SP40T Datasheet HTML 6Page - Infineon Technologies AG SP40T Datasheet HTML 7Page - Infineon Technologies AG SP40T Datasheet HTML 8Page - Infineon Technologies AG SP40T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Data Sheet
Please read the Important Notice and Warnings at the end of this document
Revision 1.1
www.infineon.com
2020-05-14
SP400-15-11
SP40T
Tire Pressure Monitoring Sensor
Quality Requirement Category: Automotive
Features
• Patented Glass-Silicon-Glass MEMS pressure sensor with best-in-class media compatibility
• Calibrated pressure sensor for absolute air pressure measurement
• Z-axis accelerometer for motion detection and angular measurement
• Temperature and supply voltage sensors
• Industry-standard 8051 microcontroller with 14K of Flash memory
• System Controller with flexible wake-up and power management features
• RF Transmitter with fractional-N sigma-delta PLL
• Unique firmware functions for determination of angular wheel position, supporting tire localization (APS)
• LF Receiver allows carrier detection and modulated telegram reception
Variants
• SP40Truck (order code SP400-15-11, product code 0015H) with pressure range up to 1400 kPa
Applications
• Valve based TPMS-Modules
•OEM
•Aftermarket
•Retrofit
• In Tire TPMS Modules
Description
The SP40T provides a very high level of integration, and is optimized to perform all of the functions necessary to
implement a state-of-the-art Tire Pressure Monitoring System (TPMS) sensor module. With its integrated micro
controller, sensors, and convenient peripherals, the SP40T needs the addition of only a few passive components
and a battery to form a complete TPMS sensor assembly.
Figure 1
PG-DSOSP-14-82


Similar Part No. - SP40T

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP40001 SIPAT-SP40001 Datasheet
158Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
SP40001 SIPAT-SP40001 Datasheet
164Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Littelfuse
SP4001-04UTG LITTELFUSE-SP4001-04UTG Datasheet
144Kb / 1P
The SIM (Subscriber Identification Module) card has 3 data lines that are low-speed and low-voltage
logo
DB Unlimited.
SP400308-1 DBUNLIMITED-SP400308-1 Datasheet
718Kb / 1P
Released from Engineering
SP400616-1 DBUNLIMITED-SP400616-1 Datasheet
563Kb / 1P
Released from Engineering
More results

Similar Description - SP40T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
Tire Pressure Monitoring Sensor
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
Tire Pressure Monitoring (TPM) System
2004
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Texas Instruments
TPIC82000 TI1-TPIC82000 Datasheet
832Kb / 92P
Tire Pressure Monitoring System TX Module
logo
Infineon Technologies A...
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
Tire Pressure Sensor
06 / 2012
SP370-25-106-0 INFINEON-SP370-25-106-0 Datasheet
393Kb / 2P
Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
Tire Pressure Sensor
06 / 2012
IRF6644PBF INFINEON-IRF6644PBF Datasheet
1Mb / 18P
Quality Requirement Category: Consumer
V2.0 2017-03-28
logo
NXP Semiconductors
NTM88JXX5S NXP-NTM88JXX5S Datasheet
817Kb / 39P
Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com