Electronic Components Datasheet Search
  English  ▼

X  

TC270 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TC270
Description  32-Bit Single-Chip Micocontroller DC-Step
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC270 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TC270 Datasheet HTML 45Page - Infineon Technologies AG TC270 Datasheet HTML 46Page - Infineon Technologies AG TC270 Datasheet HTML 47Page - Infineon Technologies AG TC270 Datasheet HTML 48Page - Infineon Technologies AG TC270 Datasheet HTML 49Page - Infineon Technologies AG TC270 Datasheet HTML 50Page - Infineon Technologies AG TC270 Datasheet HTML 51Page - Infineon Technologies AG TC270 Datasheet HTML 52Page - Infineon Technologies AG TC270 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 279 page
background image
TC270 / TC275 / TC277 DC-Step
Package and Pinning DefinitionsTC275x Pin Definition and Functions:
Data Sheet
45
V 1.0 2017-01
113
P21.7
I
A2 /
PU /
VDDP3
General-purpose input
TIN58
GTM input
DAP2
OCDS input
TGI3
OCDS input
TDO
OCDS (JTAG) input
The JTAG TDO function is overlayed with P21.7
via a double bond.
In JTAG mode this pin is used as TDO, after
power-on reset it is HighZ. In DAP mode this pin
is used as P21.7 and controlled by the related
port control logic
ETHRXERB
ETH input
T5INA
GPT120 input
P21.7
O0
General-purpose output
TOUT58
O1
GTM output
ATX3
O2
ASCLIN3 output
ASCLK3
O3
ASCLIN3 output
–
O4
Reserved
–
O5
Reserved
–
O6
Reserved
T6OUT
O7
GPT120 output
TGO3
HWOU
T
OCDS; ENx
TDO
OCDS (JTAG); ENx
The JTAG TDO function is overlayed with P21.7
via a double bond.
In JTAG mode this pin is used as TDO, after
power-on reset it is HighZ. In DAP mode this pin
is used as P21.7 and controlled by the related
port control logic
1) For an Emulation Device in a non Fusion Quad package this pin is used as VDDPSB (3.3V)
Table 2-9
Port 21 Functions
(cont’d)
Pin
Symbol
Ctrl
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com