Electronic Components Datasheet Search
  English  ▼

X  

TC270 Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TC270
Description  32-Bit Single-Chip Micocontroller DC-Step
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC270 Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TC270 Datasheet HTML 49Page - Infineon Technologies AG TC270 Datasheet HTML 50Page - Infineon Technologies AG TC270 Datasheet HTML 51Page - Infineon Technologies AG TC270 Datasheet HTML 52Page - Infineon Technologies AG TC270 Datasheet HTML 53Page - Infineon Technologies AG TC270 Datasheet HTML 54Page - Infineon Technologies AG TC270 Datasheet HTML 55Page - Infineon Technologies AG TC270 Datasheet HTML 56Page - Infineon Technologies AG TC270 Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 279 page
background image
TC270 / TC275 / TC277 DC-Step
Package and Pinning DefinitionsTC275x Pin Definition and Functions:
Data Sheet
49
V 1.0 2017-01
94
P23.5
I
MP+ /
PU1 /
VEXT
General-purpose input
TIN46
GTM input
P23.5
O0
General-purpose output
TOUT46
O1
GTM output
–
O2
Reserved
SLSO34
O3
QSPI3 output
END13
O4
MSC1 output
EN11
O5
MSC1 output
–
O6
Reserved
–
O7
Reserved
Table 2-12 Port 32 Functions
Pin
Symbol
Ctrl
Type
Function
84
P32.0
I
LP /
EVR13 SMPS
-> PD,
GPIO - > PU
/
VEXT
General-purpose input
TIN36
GTM input
FDEST
PMU input
VGATE1N
SMPS mode: analog output. External Pass Device
gate control for EVR13
P32.0
O0
General-purpose output
TOUT36
O1
GTM output
–
O2
Reserved
–
O3
Reserved
–
O4
Reserved
–
O5
Reserved
–
O6
Reserved
–
O7
Reserved
86
P32.2
I
LP /
PU1 /
VEXT
General-purpose input
TIN38
GTM input
ARX3D
ASCLIN3 input
RXDCAN3B
CAN node 3 input
P32.2
O0
General-purpose output
TOUT38
O1
GTM output
ATX3
O2
ASCLIN3 output
–
O3
Reserved
–
O4
Reserved
–
O5
Reserved
DCDCSYNC
O6
SCU output
–
O7
Reserved
Table 2-11 Port 23 Functions
(cont’d)
Pin
Symbol
Ctrl
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com