Electronic Components Datasheet Search
  English  ▼

X  

TC270 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TC270
Description  32-Bit Single-Chip Micocontroller DC-Step
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC270 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TC270 Datasheet HTML 5Page - Infineon Technologies AG TC270 Datasheet HTML 6Page - Infineon Technologies AG TC270 Datasheet HTML 7Page - Infineon Technologies AG TC270 Datasheet HTML 8Page - Infineon Technologies AG TC270 Datasheet HTML 9Page - Infineon Technologies AG TC270 Datasheet HTML 10Page - Infineon Technologies AG TC270 Datasheet HTML 11Page - Infineon Technologies AG TC270 Datasheet HTML 12Page - Infineon Technologies AG TC270 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 279 page
background image
TC270 / TC275 / TC277 DC-Step
Summary of Features
Data Sheet
5
V 1.0 2017-01
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the required product. This ordering
code identifies:
•
The derivative itself, i.e. its function set, the temperature range, and the supply voltage
•
The package and the type of delivery.
For the available ordering codes for the TC270 / TC275 / TC277 please refer to the
"AURIX™ TC2x Data Sheet Addendum", which summarizes all available variants.
Table 1-1
Overview of TC27x Functions
Feature
CPU Core
Type
TC1.6P / TC1.6E
P Cores / Checker Cores /
E Cores / Checker Cores
2 / 1 /
1 / 1
Max. Freq.
200 MHz
FPU
yes
Program Flash
Size
4Mbyte
Data Flash
Size
384 Kbyte
Cache
Instruction (P / E)
16 Kbyte / 8 Kbyte
Data (P / E)
8 Kbyte / -
SRAM
Size TC1.6P
(DSPR/PSPR)
120 Kbyte / 32 Kbyte 2)
Size TC1.6E (DSPR/PSPR)
112 Kbyte / 24 Kbyte 1) 2)
Size LMU
32 Kbyte
DMA
Channels
64
ADC
Channels
48 + 12
Converter
8
DSADC
Channels
6
GTM
TIM
4
TOM
3
ATOM / MCS
5 / 4
CMU / ICM
1 / 1
PSM
1
TBU
1
SPE
2
CMP / MON
1 / 1
BRC / DPLL
1 / 1
Timer
GPT12
2
CCU6
2
STM
Modules
3
FlexRay
Modules
1
Channels
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com