Electronic Components Datasheet Search
  English  ▼

X  

TC270 Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # TC270
Description  32-Bit Single-Chip Micocontroller DC-Step
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC270 Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button TC270 Datasheet HTML 56Page - Infineon Technologies AG TC270 Datasheet HTML 57Page - Infineon Technologies AG TC270 Datasheet HTML 58Page - Infineon Technologies AG TC270 Datasheet HTML 59Page - Infineon Technologies AG TC270 Datasheet HTML 60Page - Infineon Technologies AG TC270 Datasheet HTML 61Page - Infineon Technologies AG TC270 Datasheet HTML 62Page - Infineon Technologies AG TC270 Datasheet HTML 63Page - Infineon Technologies AG TC270 Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 279 page
background image
TC270 / TC275 / TC277 DC-Step
Package and Pinning DefinitionsTC275x Pin Definition and Functions:
Data Sheet
56
V 1.0 2017-01
83
P33.13
I
MP /
PU1 /
VEXT
General-purpose input
TIN35
GTM input
ARX1F
ASCLIN1 input
MRST3D
QSPI3 input
DSSGNB
DSADC input
INJ11
MSC1 input
P33.13
O0
General-purpose output
TOUT35
O1
GTM output
ATX1
O2
ASCLIN1 output
MRST3
O3
QSPI3 output
SLSO26
O4
QSPI2 output
–
O5
Reserved
DCDCSYNC
O6
SCU output
CC60
O7
CCU61 output
Table 2-14 Port 40 Functions
Pin
Symbol
Ctrl
Type
Function
44
P40.0
I
S /
HighZ /
VDDM
General-purpose input
VADCG3.0
VADC analog input channel 0 of group 3
DS2PB
DSADC: positive analog input channe of DSADC 2, pin
B
CCPOS0D
CCU60 input
SENT0A
SENT input
43
P40.1
I
S /
HighZ /
VDDM
General-purpose inpu.t
VADCG3.1
VADC analog input channel 1 of group 3 (MD)
DS2NB
DSADC: negative analog of input channel 2, pin B
CCPOS1B
CCU60 input
SENT1A
SENT input
42
P40.2
I
S /
HighZ /
VDDM
General-purpose inpu.t
VADCG3.2
VADC analog input channel 2 of group 3 (MD)
CCPOS1D
CCU60 input
SENT2A
SENT input
41
P40.3
I
S /
HighZ /
VDDM
General-purpose input
VADCG3.3
VADC analog input channel 3 of group 3
CCPOS2B
CCU60 input
SENT3A
SENT input
Table 2-13 Port 33 Functions
(cont’d)
Pin
Symbol
Ctrl
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com