Electronic Components Datasheet Search
  English  ▼

X  

TC270 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TC270
Description  32-Bit Single-Chip Micocontroller DC-Step
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC270 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TC270 Datasheet HTML 6Page - Infineon Technologies AG TC270 Datasheet HTML 7Page - Infineon Technologies AG TC270 Datasheet HTML 8Page - Infineon Technologies AG TC270 Datasheet HTML 9Page - Infineon Technologies AG TC270 Datasheet HTML 10Page - Infineon Technologies AG TC270 Datasheet HTML 11Page - Infineon Technologies AG TC270 Datasheet HTML 12Page - Infineon Technologies AG TC270 Datasheet HTML 13Page - Infineon Technologies AG TC270 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 279 page
background image
TC270 / TC275 / TC277 DC-Step
Summary of Features
Data Sheet
6
V 1.0 2017-01
CAN
Nodes
4
Message Objects
256
QSPI
Channels
4
ASCLIN
Interfaces
4
I2C
Interfaces
1
SENT
Channels
10
PSI5
Modules
3
PSI5-S
Modules
1
HSSL
Channels
1
MSC
Channels
2
Ethernet
Channels
1
ASIL
Level
up to ASIL-D
FCE
Modules
1
Safety support
SMU
1
IOM
1
Security
HSM
1
Embedded Voltage Regulator
DCDC from 5 V / 3.3 V to 1.3 V
Yes
Embedded Voltage Regulator
LDO from 5 V / 3.3 V to 1.3 V
Yes
Embedded Voltage Regulator
LDO from 5 V to 3.3 V
Yes
Low Power Feature
Standby RAM
Yes
Packages
Type
LF-BGA-292-6 / PG-LQFP-176-22
I/O
Type
5 V CMOS / 3.3 V CMOS / LVDS
Tambient
Range
−40 … +125°C
1) Address range starts at lowest address defined in the User’s Manual. For reference see the Memory Maps chapter of the
User’s Manual.
2) To ensure the processor cores are provided with a constant stream of instructions the Instruction Fetch Units will
speculatively fetch instructions from the up to 64 bytes ahead of the current PC.
If the current PC is within 64 bytes of the top of an instruction memory the Instruction Fetch Unit may attempt to
speculatively fetch instruction from beyond the physical range. This may then lead to error conditions and alarms being
triggered by the bus and memory systems.
It is therefore recommended that the upper 64 bytes of any memory be unused for instruction storage.
Table 1-1
Overview of TC27x Functions
(cont’d)
Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com