Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADUM3471ARSZ Datasheet HTML 22Page - Analog Devices ADUM3471ARSZ Datasheet HTML 23Page - Analog Devices ADUM3471ARSZ Datasheet HTML 24Page - Analog Devices ADUM3471ARSZ Datasheet HTML 25Page - Analog Devices ADUM3471ARSZ Datasheet HTML 26Page - Analog Devices ADUM3471ARSZ Datasheet HTML 27Page - Analog Devices ADUM3471ARSZ Datasheet HTML 28Page - Analog Devices ADUM3471ARSZ Datasheet HTML 29Page - Analog Devices ADUM3471ARSZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Data Sheet
TRANSFORMER DESIGN
Custom transformers were designed for use in the circuits shown
in Figure 38, Figure 39, and Figure 40 (see Table 18). The trans-
formers designed for use with the ADuM347x differ from other
transformers used with isolated dc-to-dc converters that do not
regulate the output voltage. The output voltage is regulated by a
PWM controller in the ADuM347x that varies the duty cycle of
the primary side switches in response to a secondary side feed-
back voltage, VFB, received through an isolated digital channel.
The internal controller has a maximum duty cycle of 40%.
TRANSFORMER TURNS RATIO
To determine the transformer turns ratio—taking into account
the losses for the primary switches and the losses for the secondary
diodes and inductors—the external transformer turns ratio for
the ADuM347x can be calculated using Equation 1.
2
)
(
×
×
+
=
D
V
V
V
N
N
MIN
DD1
D
ISO
P
S
(1)
where:
NS/NP is the primary to secondary turns ratio.
VISO is the isolated output supply voltage.
VD is the Schottky diode voltage drop (0.5 V maximum).
VDD1 (MIN) is the minimum input supply voltage.
D is the duty cycle = 0.30 for a 30% typical duty cycle (40% is
the maximum duty cycle).
2 is a multiplier factor used for the push-pull switching cycle.
For the circuit shown in Figure 38 using the 5 V to 5 V reference
design in Table 18 and with VDD1 (MIN) = 4.5 V, the turns ratio is
NS/NP = 2.
For a 3.3 V input to 3.3 V output isolated single power supply
and with VDD1 (MIN) = 3.0 V, the turns ratio is also NS/NP = 2.
Therefore, the same transformer turns ratio, NS/NP = 2, can be
used for the three single power applications: 5 V to 5 V, 5 V to
3.3 V, and 3.3 V to 3.3 V.
The circuit shown in Figure 39 uses double windings and diode
pairs to create a doubler circuit; therefore, half the output voltage,
VISO/2, is used, as shown in Equation 2.
2
2
)
(
×
×
+
=
D
V
V
V
N
N
MIN
DD1
D
ISO
P
S
(2)
where:
NS/NP is the primary to secondary turns ratio.
VISO is the isolated output supply voltage. VISO/2 is used because
the circuit uses two pairs of diodes, creating a doubler circuit.
VD is the Schottky diode voltage drop (0.5 V maximum).
VDD1 (MIN) is the minimum input supply voltage.
D is the duty cycle = 0.30 for a 30% typical duty cycle (40% is
the maximum duty cycle).
2 is a multiplier factor used for the push-pull switching cycle.
For the circuit shown in Figure 39 using the 5 V to 15 V reference
design in Table 18 and with VDD1 (MIN) = 4.5 V, the turns ratio is
NS/NP = 3.
The circuit shown in Figure 40 also uses double windings and
diode pairs to create a doubler circuit. However, because a
positive and negative output voltage are created, VISO is used,
and the external transformer turns ratio can be calculated using
Equation 3.
2
)
(
×
×
+
=
D
V
V
V
N
N
MIN
DD1
D
ISO
P
S
(3)
where:
NS/NP is the primary to secondary turns ratio.
VISO is the isolated output supply voltage.
VD is the Schottky diode voltage drop (0.5 V maximum).
VDD1 (MIN) is the minimum input supply voltage.
D is the duty cycle = 0.35 for a 35% typical duty cycle (40% is
the maximum duty cycle).
2 is a multiplier factor used for the push-pull switching cycle.
For the circuit shown in Figure 40, the duty cycle, D, is set to 0.35
for a 35% typical duty cycle to reduce the maximum voltages seen
by the diodes for a ±15 V supply.
For the circuit shown in Figure 40 using the +5 V to ±15 V refer-
ence design in Table 18 and with VDD1 (MIN) = 4.5 V, the turns
ratio is NS/NP = 5.
Table 18. Transformer Reference Designs
Part No.
Manufacturer
Turns Ratio,
PRI:SEC
ET Constant
(V × µs Min)
Total Primary
Inductance (µH)
Total Primary
Resistance (Ω)
Isolation
Voltage (rms)
Isolation
Type
Reference
JA4631-BL
Coilcraft
1CT:2CT
18
255
0.2
2500
Basic
Figure 38
JA4650-BL
Coilcraft
1CT:3CT
18
255
0.2
2500
Basic
Figure 39
KA4976-AL
Coilcraft
1CT:5CT
18
255
0.2
2500
Basic
Figure 40
TGSAD-260V6LF Halo Electronics 1CT:2CT
14
389
0.8
2500
Supplemental Figure 38
TGSAD-290V6LF Halo Electronics 1CT:3CT
14
389
0.8
2500
Supplemental Figure 39
TGSAD-292V6LF Halo Electronics 1CT:5CT
14
389
0.8
2500
Supplemental Figure 40
TGAD-260NARL
Halo Electronics 1CT:2CT
14
389
0.8
1500
Functional
Figure 38
TGAD-290NARL
Halo Electronics 1CT:3CT
14
389
0.8
1500
Functional
Figure 39
TGAD-292NARL
Halo Electronics 1CT:5CT
14
389
0.8
1500
Functional
Figure 40
Rev. B | Page 26 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com