Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 1 Page - Analog Devices

  ADUM3471ARSZ Datasheet HTML 1Page - Analog Devices ADUM3471ARSZ Datasheet HTML 2Page - Analog Devices ADUM3471ARSZ Datasheet HTML 3Page - Analog Devices ADUM3471ARSZ Datasheet HTML 4Page - Analog Devices ADUM3471ARSZ Datasheet HTML 5Page - Analog Devices ADUM3471ARSZ Datasheet HTML 6Page - Analog Devices ADUM3471ARSZ Datasheet HTML 7Page - Analog Devices ADUM3471ARSZ Datasheet HTML 8Page - Analog Devices ADUM3471ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
PWM Controller and Transformer
Driver with Quad-Channel Isolators
Data Sheet
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
FEATURES
Isolated PWM controller
Integrated transformer driver
Regulated adjustable output: 3.3 V to 24 V
2 W output power
70% efficiency at guaranteed load of 400 mA at 5.0 V output
Quad dc-to-25 Mbps (NRZ) signal isolation channels
20-lead SSOP package
High temperature operation: 105°C maximum
High common-mode transient immunity: >25 kV/µs
200 kHz to 1 MHz adjustable oscillator frequency
Soft start function at power-up
Pulse-by-pulse overcurrent protection
Thermal shutdown
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
Qualified for automotive applications
APPLICATIONS
RS-232/RS-422/RS-485 transceivers
Industrial field bus isolation
Power supply start-up bias and gate drives
Isolated sensor interfaces
Process controls
Automotive
GENERAL DESCRIPTION
The ADuM3470/ADuM3471/ADuM3472/ADuM3473/
ADuM3474 devices1 are quad-channel digital isolators with an
integrated PWM controller and transformer driver for an isolated
dc-to-dc converter. Based on the Analog Devices, Inc., iCoupler®
technology, the dc-to-dc converter provides up to 2 W of regulated,
isolated power at 3.3 V to 24 V from a 5.0 V input supply or from
a 3.3 V supply. This eliminates the need for a separate, isolated
dc-to-dc converter in 2 W isolated designs. The iCoupler chip scale
transformer technology is used to isolate the logic signals, and the
integrated transformer driver with isolated secondary side control
provides higher efficiency for the isolated dc-to-dc converter. The
result is a small form factor, total isolation solution. The ADuM347x
isolators provide four independent isolation channels in a variety of
channel configurations and data rates (see the Ordering Guide).
FUNCTIONAL BLOCK DIAGRAMS
ADuM3470/ADuM3471/
ADuM3472/ADuM3473/
ADuM3474
PRIMARY
CONVERTER
DRIVER
PRIMARY
DATA
I/O
4CH
SECONDARY
DATA
I/O
4CH
SECONDARY
CONTROLLER
CH A
FB
T1
CH B
CH C
CH D
VDD2
OC
FB
VREG
VIA/VOA
VDD1
VDDA
X2
X1
VIB/VOB
VIC/VOC
VID/VOD
VIA/VOA
VIB/VOB
VIC/VOC
VID/VOD
GND1
GND2
REG
RECT
5V
VISO
Figure 1. Functional Block Diagram
ADuM3470
ADuM3471
ADuM3472
ADuM3473
ADuM3474
Figure 2. Block Diagrams of I/O Channels
1
Protected by U.S. Patents 5,952,849; 6,873,065; and 7,075,329. Other patents pending.
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADUM3471ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3471ARSZ AD-ADUM3471ARSZ Datasheet
584Kb / 32P
PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. 0
More results

Similar Description - ADUM3471ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
Quad-Channel Digital Isolators
Rev. G
ADUM3470 AD-ADUM3470 Datasheet
584Kb / 32P
PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. 0
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com