Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 3 Page - Analog Devices

  ADUM3471ARSZ Datasheet HTML 1Page - Analog Devices ADUM3471ARSZ Datasheet HTML 2Page - Analog Devices ADUM3471ARSZ Datasheet HTML 3Page - Analog Devices ADUM3471ARSZ Datasheet HTML 4Page - Analog Devices ADUM3471ARSZ Datasheet HTML 5Page - Analog Devices ADUM3471ARSZ Datasheet HTML 6Page - Analog Devices ADUM3471ARSZ Datasheet HTML 7Page - Analog Devices ADUM3471ARSZ Datasheet HTML 8Page - Analog Devices ADUM3471ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/5 V SECONDARY ISOLATED SUPPLY
4.5 V ≤ VDD1 = VDDA ≤ 5.5 V; VDD2 = VREG = VISO = 5.0 V; fSW = 500 kHz; all voltages are relative to their respective grounds (see the
application schematic in Figure 38). All minimum/maximum specifications apply over the entire recommended operating range, unless
otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDDA = 5.0 V, VDD2 = VREG = VISO = 5.0 V.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER POWER SUPPLY
Isolated Output Voltage
VISO
4.5
5.0
5.5
V
IISO = 0 mA, VISO = VFB × (R1 + R2)/R2
Feedback Voltage Setpoint
VFB
1.125
1.25
1.375
V
IISO = 0 mA
Line Regulation
VISO (LINE)
1
10
mV/V
IISO = 50 mA, VDD1 = 4.5 V to 5.5 V
Load Regulation
VISO (LOAD)
1
2
%
IISO = 50 mA to 200 mA
Output Ripple
VISO (RIP)
50
mV p-p
20 MHz bandwidth,
COUT = 0.1 µF||47 µF, IISO = 100 mA
Output Noise
VISO (N)
100
mV p-p
20 MHz bandwidth,
COUT = 0.1 µF||47 µF, IISO = 100 mA
Switching Frequency
fSW
1000
kHz
ROC = 50 kΩ
200
kHz
ROC = 270 kΩ
192
318
515
kHz
VOC = VDD2 (open loop)
Switch On Resistance
RON
0.5
Ω
Undervoltage Lockout, VDD1, VDD2
Supplies
Positive Going Threshold
VUV+
2.8
V
Negative Going Threshold
VUV−
2.6
V
Hysteresis
VUVH
0.2
V
DC to 2 Mbps Data Rate1
f ≤ 1 MHz
Maximum Output Supply Current2
IISO (MAX)
400
mA
VISO = 5.0 V
Efficiency at Maximum Output
Supply Current3
70
%
IISO = IISO (MAX)
i
COUPLER DATA CHANNELS
DC to 2 Mbps Data Rate1
IDD1 Supply Current, No VISO Load
IDD1 (Q)
IISO = 0 mA, f ≤ 1 MHz
ADuM3470
14
30
mA
ADuM3471
15
30
mA
ADuM3472
16
30
mA
ADuM3473
17
30
mA
ADuM3474
18
30
mA
25 Mbps Data Rate (C Grade Only)
IDD1 Supply Current, No VISO Load
IDD1 (D)
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM3470
44
mA
ADuM3471
46
mA
ADuM3472
48
mA
ADuM3473
50
mA
ADuM3474
52
mA
Available VISO Supply Current4
IISO (LOAD)
CL = 15 pF, f = 12.5 MHz
ADuM3470
390
mA
ADuM3471
388
mA
ADuM3472
386
mA
ADuM3473
384
mA
ADuM3474
382
mA
IDD1 Supply Current, Full VISO Load
IDD1 (MAX)
550
mA
CL = 0 pF, f = 0 MHz, VDD1 = 5 V,
IISO = 400 mA
Rev. B | Page 3 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com