Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUM3471ARSZ Datasheet HTML 9Page - Analog Devices ADUM3471ARSZ Datasheet HTML 10Page - Analog Devices ADUM3471ARSZ Datasheet HTML 11Page - Analog Devices ADUM3471ARSZ Datasheet HTML 12Page - Analog Devices ADUM3471ARSZ Datasheet HTML 13Page - Analog Devices ADUM3471ARSZ Datasheet HTML 14Page - Analog Devices ADUM3471ARSZ Datasheet HTML 15Page - Analog Devices ADUM3471ARSZ Datasheet HTML 16Page - Analog Devices ADUM3471ARSZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 10.
Parameter
Rating
Storage Temperature Range (TST)
−55°C to +150°C
Ambient Operating Temperature
Range (TA)
−40°C to +105°C
Supply Voltages1
VDD1,2 VDDA, VDD2
−0.5 V to +7.0 V
VREG, X1, X2
−0.5 V to +20.0 V
Input Voltage (VIA, VIB, VIC, VID)1, 3
−0.5 V to VDDI + 0.5 V
Output Voltage (VOA, VOB, VOC, VOD)1, 3
−0.5 V to VDDO + 0.5 V
Average Output Current per Pin4
−10 mA to +10 mA
Common-Mode Transients5
−100 kV/µs to +100 kV/µs
1
All voltages are relative to their respective grounds.
2
VDD1 is the power supply for the push-pull transformer.
3
VDDI and VDDO refer to the supply voltages on the input and output sides of a
given channel, respectively. See the Printed Circuit Board (PCB) Layout section.
4
See Figure 3 for maximum rated current values for various temperatures.
5
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-up
or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 11. Maximum Continuous Working Voltage
Supporting 50-Year Minimum Lifetime1
Parameter
Max
Unit
Applicable
Certification
AC Voltage, Bipolar
Waveform
565
V peak
All certifications
AC Voltage, Unipolar
Waveform
Basic Insulation
848
V peak
Working voltage
per IEC 60950-1
DC Voltage
Basic Insulation
848
V peak
Working voltage
per IEC 60950-1
1
Refers to the continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more information.
ESD CAUTION
Rev. B | Page 13 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com