Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADUM3471ARSZ Datasheet HTML 21Page - Analog Devices ADUM3471ARSZ Datasheet HTML 22Page - Analog Devices ADUM3471ARSZ Datasheet HTML 23Page - Analog Devices ADUM3471ARSZ Datasheet HTML 24Page - Analog Devices ADUM3471ARSZ Datasheet HTML 25Page - Analog Devices ADUM3471ARSZ Datasheet HTML 26Page - Analog Devices ADUM3471ARSZ Datasheet HTML 27Page - Analog Devices ADUM3471ARSZ Datasheet HTML 28Page - Analog Devices ADUM3471ARSZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
APPLICATIONS INFORMATION
The dc-to-dc converter section of the ADuM347x uses a
secondary side controller architecture with isolated pulse-width
modulation (PWM) feedback. VDD1 power is supplied to an oscillat-
ing circuit that switches current to the primary side of an external
power transformer using internal push-pull switches at the X1
and X2 pins. Power transferred to the secondary side of the trans-
former is full wave rectified with external Schottky diodes (D1
and D2), filtered with the L1 inductor and COUT capacitor, and
regulated to the isolated power supply voltage from 3.3 V to 15 V.
The secondary (VISO) side controller regulates the output using
a feedback voltage, VFB, from a resistor divider on the output to
create a PWM control signal that is sent to the primary (VDD1) side
by a dedicated iCoupler data channel labeled VFB. The primary side
PWM converter varies the duty cycle of the X1 and X2 switches
to modulate the oscillator circuit and control the power being
sent to the secondary side. This feedback allows for significantly
higher power and efficiency.
The ADuM347x devices implement undervoltage lockout
(UVLO) with hysteresis on the VDDA power input. This feature
ensures that the converter does not go into oscillation due to
noisy input power or slow power-on ramp rates.
A minimum load current of 10 mA is recommended to ensure
optimum load regulation. Smaller loads can generate excess noise
on the output due to short or erratic PWM pulses. Excess noise
generated in this way can cause regulation problems in some
circumstances.
APPLICATION SCHEMATICS
The ADuM347x devices have three main application schematics,
as shown in Figure 38 to Figure 40. Figure 38 has a center-tapped
secondary and two Schottky diodes that provide full wave
rectification for a single output, typically for power supplies of
3.3 V, 5 V, 12 V, and 15 V. For single supplies when VISO = 3.3 V
or 5 V, VREG, VDD2, and VISO can be connected together.
Figure 39 shows a voltage doubling circuit that can be used for a
single supply with an output that exceeds 15 V; 15 V is the largest
supply that can be connected to the regulator input, VREG (Pin 20).
In the circuit shown in Figure 39, the output voltage can be as high
as 24 V, and the voltage at the VREG pin can be as high as 12 V.
When using the circuit shown in Figure 39 to obtain an output
voltage lower than 10 V (for example, VDD1 = 3.3 V, VISO = 5 V),
connect VREG to VISO directly.
Figure 40, which also uses a voltage doubling secondary circuit,
is an example of a coarsely regulated, positive power supply and
an unregulated, negative power supply for outputs of approxi-
mately ±5 V, ±12 V, and ±15 V.
For all the circuits shown in Figure 38 to Figure 40, the isolated
output voltage (VISO) can be set with the voltage dividers, R1
and R2 (values 1 kΩ to 100 kΩ) using the following equation:
VISO = VFB × (R1 + R2)/R2
where VFB is the internal feedback voltage (approximately 1.25 V).
ADuM3470/
ADuM3471/
ADuM3472/
ADuM3473/
ADuM3474
1 X1
2 GND1
3 NC
4 X2
5 VIA/VOA
6 VIB/VOB
7 VIC/VOC
8 VID/VOD
9 VDDA
10 GND1
20 VREG
19 GND2
18 VDD2
17 FB
16 VIA/VOA
15 VIB/VOB
14 VIC/VOC
13 VID/VOD
12 OC
11 GND2
D1
T1
L1
COUT
D2
VDD1
VDD1
0.1µF
CIN
0.1µF
+5V
R1
R2
ROC
VFB
VISO = VFB × (R1 + R2)/R2
FOR VISO = 3.3V OR 5V, CONNECT VREG, VDD2, AND VISO.
VISO =
+3.3V
TO +15V
47µF
47µH
100kΩ
Figure 38. Single Power Supply
ADuM3470/
ADuM3471/
ADuM3472/
ADuM3473/
ADuM3474
D1
T1
L1
L2
COUT1
COUT2
D2
D3
D4
VDD1
VDD1
0.1µF
CIN
0.1µF
+5V
R1
R2
VFB
ROC
VISO = VFB × (R1 + R2)/R2
FOR VISO = 15V OR LESS, VREG CAN CONNECT TO VISO.
VISO =
+12V TO
+24V
UNREGULATED
+6V TO
+12V
100kΩ
47µH
47µH
47µF
47µF
1 X1
2 GND1
3 NC
4 X2
5 VIA/VOA
6 VIB/VOB
7 VIC/VOC
8 VID/VOD
9 VDDA
10 GND1
20 VREG
19 GND2
18 VDD2
17 FB
16 VIA/VOA
15 VIB/VOB
14 VIC/VOC
13 VID/VOD
12 OC
11 GND2
Figure 39. Doubling Power Supply
ADuM3470/
ADuM3471/
ADuM3472/
ADuM3473/
ADuM3474
D1
T1
L1
L2
COUT1
COUT2
D2
D3
D4
VDD1
VDD1
0.1µF
CIN
0.1µF
+5V
R1
R2
ROC
VFB
VISO = VFB × (R1 + R2)/R2
VISO =
COARSELY
REGULATED
+5V TO +15V
UNREGULATED
–5V TO –15V
47µF
47µH
47µH
47µF
100kΩ
1 X1
2 GND1
3 NC
4 X2
5 VIA/VOA
6 VIB/VOB
7 VIC/VOC
8 VID/VOD
9 VDDA
10 GND1
20 VREG
19 GND2
18 VDD2
17 FB
16 VIA/VOA
15 VIB/VOB
14 VIC/VOC
13 VID/VOD
12 OC
11 GND2
Figure 40. Positive Supply and Unregulated Negative Supply
Rev. B | Page 25 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com