Electronic Components Datasheet Search
  English  ▼

X  

MIC2171WT Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2171WT
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171WT Datasheet(HTML) 2 Page - Microchip Technology

  MIC2171WT Datasheet HTML 1Page - Microchip Technology MIC2171WT Datasheet HTML 2Page - Microchip Technology MIC2171WT Datasheet HTML 3Page - Microchip Technology MIC2171WT Datasheet HTML 4Page - Microchip Technology MIC2171WT Datasheet HTML 5Page - Microchip Technology MIC2171WT Datasheet HTML 6Page - Microchip Technology MIC2171WT Datasheet HTML 7Page - Microchip Technology MIC2171WT Datasheet HTML 8Page - Microchip Technology MIC2171WT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC2171
DS20006355A-page 2
2022 Microchip Technology Inc. and its subsidiaries
Typical Application Circuits
Functional Block Diagram
5V to 12V Boost Converter
5V Flyback Converter
+5V
(4.75V min.)
D1
1N5822
MIC2171
IN
SW
FB
C1*
47μF
R3
1
C3
1μF
R1
10.7
1%
C2
470μF
VOUT
+12V, 0.25A
L1
15μH
* Locate near MIC2171 when supply leads > 2”
R2
1.24
1%
GND
COMP
C4
470μF
D2
1N5818
C1
47μF
C2
1μF
R3
1
R4*
VOUT
5V, 0.5A
* Optional voltage clipper (may be req’d if T1 leakage inductance too high)
C3*
D1*
R1
3.74
1%
R2
1.24
1%
VIN
4V to 6V
T1
1.8:1
LPRI = 12μH
MIC2171
IN
SW
FB
GND
COMP
Current
Amp.
Error
Amp.
1.24V
Ref.
Logic
Driver
Anti-Sat.
SW
100kHz
Osc.
Reg.
FB
D
N
G
P
M
O
C
IN
D1
Q1
2.3V
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com