Electronic Components Datasheet Search
  English  ▼

X  

MIC2171WT Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC2171WT
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171WT Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC2171WT Datasheet HTML 4Page - Microchip Technology MIC2171WT Datasheet HTML 5Page - Microchip Technology MIC2171WT Datasheet HTML 6Page - Microchip Technology MIC2171WT Datasheet HTML 7Page - Microchip Technology MIC2171WT Datasheet HTML 8Page - Microchip Technology MIC2171WT Datasheet HTML 9Page - Microchip Technology MIC2171WT Datasheet HTML 10Page - Microchip Technology MIC2171WT Datasheet HTML 11Page - Microchip Technology MIC2171WT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MIC2171
DS20006355A-page 8
2022 Microchip Technology Inc. and its subsidiaries
4.0
FUNCTIONAL DESCRIPTION
Refer to Functional Block Diagram section.
4.1
Internal Power
The MIC2171 operates when VIN is ≥ 2.6V. An internal
2.3V regulator supplies biasing to all internal circuitry,
including a precision 1.24V band gap reference.
4.2
PWM Operation
The 100 kHz oscillator generates a signal with a duty
cycle of approximately 90%. The current-mode
comparator output is used to reduce the duty cycle
when the current amplifier output voltage exceeds the
error amplifier output voltage. The resulting PWM
signal controls a driver which supplies base current to
the output transistor Q1.
4.3
Current Mode Advantages
The MIC2171 operates in current mode rather than
voltage mode. There are three distinct advantages to
this technique. Feedback loop compensation is greatly
simplified because inductor current sensing removes a
pole from the closed loop response. Inherent
cycle-by-cycle current limiting greatly improves the
power switch reliability and provides automatic output
current limiting. Finally, current-mode operation
provides automatic input voltage feed forward which
prevents instantaneous input voltage changes from
disturbing the output voltage setting.
4.4
Anti-Saturation
The anti-saturation diode (D1) increases the usable
duty cycle range of the MIC2171 by eliminating the
base to collector stored charge which would delay Q1’s
turnoff.
4.5
Compensation
Loop stability compensation of the MIC21712 can be
accomplished by connecting an appropriate RC
network from either COMP to circuit ground (Typical
Application Circuits) or from COMP to FB.
The error amplifier output (COMP) is also useful for soft
start and current limiting. Because the error amplifier
output is a transconductance type, the output
impedance is relatively high, which means the output
voltage can be easily clamped or adjusted externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com