Electronic Components Datasheet Search
  English  ▼

X  

MIC2171WT Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2171WT
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171WT Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2171WT Datasheet HTML 8Page - Microchip Technology MIC2171WT Datasheet HTML 9Page - Microchip Technology MIC2171WT Datasheet HTML 10Page - Microchip Technology MIC2171WT Datasheet HTML 11Page - Microchip Technology MIC2171WT Datasheet HTML 12Page - Microchip Technology MIC2171WT Datasheet HTML 13Page - Microchip Technology MIC2171WT Datasheet HTML 14Page - Microchip Technology MIC2171WT Datasheet HTML 15Page - Microchip Technology MIC2171WT Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MIC2171
DS20006355A-page 12
2022 Microchip Technology Inc. and its subsidiaries
5.6.2
OUTPUT DIODE
The output diode allows T1 to store energy in its
primary inductance (D2 blocked/reverse biased) and
release energy into C4 (D2 forward biased); the low
forward voltage drop of a Schottky diode minimizes
power loss in D2.
5.6.3
FREQUENCY COMPENSATION
A simple frequency compensation network consisting
of R3 and C2 prevents output oscillations.
High impedance output stages (transconductance
type) in the MIC2171 often permit simplified loop
stability solutions to be connected to circuit ground,
although a more conventional technique of connecting
the components from the error amplifier output to its
inverting input is also possible.
5.6.4
VOLTAGE CLIPPER
Extra care must be taken to minimize T1’s leakage
inductance, otherwise it may be necessary to add the
voltage clipper consisting of D1, R4, and C3 in order to
avoid second breakdown (failure) of the MIC2171’s
internal power switch.
5.6.5
DISCONTINUOUS CONDUCTION
MODE DESIGN
When designing a discontinuous conduction mode
flyback converter, first determine whether the device
can safely handle the peak primary current demand
drawn by the output power. Equation 5-10 finds the
maximum duty cycle required for a given input voltage
and output power. If the duty cycle is greater than 0.8,
discontinuous operation cannot be used.
EQUATION 5-10:
Then:
VIN(MIN) = VIN – (ICLIM × RSW)
VIN(MIN) = 4V – 0.78V
VIN(MIN) = 3.22V
δ ≥ 0.74 (76%), less than 0.8, so discontinuous is
permitted. A few iterations of Equation 5-10 may be
required if the duty cycle is found to be greater than
50% since the ICLIM is a function of duty cycle when δ
> 50%.
The next step is to calculate the maximum transformer
turns ratio
a, or NPRI/NSEC, that will guarantee a safe
operation of the MIC2171’s power switch.
EQUATION 5-11:
For the practical example:
VCE = 65V max. for the MIC2171
FCE = 0.8
VSEC = 5.6V
Then:
EQUATION 5-12:
Next, calculate the maximum primary inductance
required to store the needed output energy with the
power switch duty cycle of 76%.
EQUATION 5-13:
Then:
2 POUT
ICLIM VIN MIN
V
SW
–
---------------------------------------------------------------
Where:
POUT =
5.0V × 0.5A = 2.5W
VIN =
4.0V to 6.0V
ICLIM =
1.25A when δ < 50%
1.67 (2 – δ) when δ ≥ 50%
a
VCE FCE VIN MAX
–
VSEC
------------------------------------------------------------
Where:
a =
Maximum transformer turn ratio
VCE =
Power switch collector to emitter
maximum voltage
FCE =
Safety derating factor (0.8 for most
commercial and industrial applica-
tions)
VIN(MAX) =
Maximum input voltage
VSEC =
Transformer secondary voltage
(VOUT + VF)
a 65 0.8 6.0
–
5.6
-------------------------------
a 8.2
(NPRI/NSEC)
VIN MIN
ICLIM fSW
--------------------------------- LPRI
0.5 fSW VIN MIN
2 t
ON
2
POUT
---------------------------------------------------------------------------
Where:
LPRI =
Maximum primary inductance
fSW =
Device switching frequency (100 kHz)
VIN(MIN) =
Minimum input voltage
tON =
Power switch on time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com