Electronic Components Datasheet Search
  English  ▼

X  

MIC2171WT Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2171WT
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171WT Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2171WT Datasheet HTML 3Page - Microchip Technology MIC2171WT Datasheet HTML 4Page - Microchip Technology MIC2171WT Datasheet HTML 5Page - Microchip Technology MIC2171WT Datasheet HTML 6Page - Microchip Technology MIC2171WT Datasheet HTML 7Page - Microchip Technology MIC2171WT Datasheet HTML 8Page - Microchip Technology MIC2171WT Datasheet HTML 9Page - Microchip Technology MIC2171WT Datasheet HTML 10Page - Microchip Technology MIC2171WT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006355A-page 7
MIC2171
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number Pin Name
Description
1
COMP
Frequency Compensation: Output of transconductance-type error amplifier. Primary
function is for loop stabilization. Can also be used for output voltage soft-start and
current limit tailoring.
2
FB
Feedback: Inverting input of error amplifier. Connect to external resistive divider to set
switching regulator output voltage.
3
GND
Ground: Connect directly to the input filter capacitor for proper operation (see
applications info).
4
SW
Power Switch Collector: Collector of NPN switch. Connect to external inductor or input
voltage depending on circuit topology.
5
IN
Supply Voltage: 3.0V to 40V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com