Electronic Components Datasheet Search
  English  ▼

X  

MIC2171WT Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2171WT
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171WT Datasheet(HTML) 1 Page - Microchip Technology

  MIC2171WT Datasheet HTML 1Page - Microchip Technology MIC2171WT Datasheet HTML 2Page - Microchip Technology MIC2171WT Datasheet HTML 3Page - Microchip Technology MIC2171WT Datasheet HTML 4Page - Microchip Technology MIC2171WT Datasheet HTML 5Page - Microchip Technology MIC2171WT Datasheet HTML 6Page - Microchip Technology MIC2171WT Datasheet HTML 7Page - Microchip Technology MIC2171WT Datasheet HTML 8Page - Microchip Technology MIC2171WT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006355A-page 1
MIC2171
Features
• 2.5A, 65V Internal Switch Rating
• 3V to 40V Input Voltage Range
• Current Mode Operation, 2.5A Peak
• Internal Cycle-by-Cycle Current Limit
• Twice the Frequency of the LM2577
• Low External Electronic Components Count
• Suitable for Most Switching Topologies
• 7 mA Quiescent Current (Operating)
• Fits LT1171/LM2577 TO-220 and TO-263 Sockets
Applications
• Laptop/Palmtop Computers
• Battery Operated Equipment
• Handheld Instruments
• Off-Line Converter up to 50W (Requires External
Power Switch)
• Predriver for Higher Power Capability
General Description
The MIC2171 is a complete 100 kHz SMPS
current-mode controller with an internal 65V 2.5A
power switch.
Although primarily intended for voltage step-up
applications, the floating switch architecture of the
MIC2171 makes it practical for step-down, inverting,
and Cuk configurations, as well as isolated topologies.
Operating from 3V to 40V, the MIC2171 draws only
7 mA of quiescent current, making it attractive for
battery-operated applications.
The MIC2171 is available in a 5-pin TO-220 or TO-263
package that allows –40°C to +85°C ambient
temperature operation.
Package Types
5-Pin TO-220 (T)
5-Pin TO-263 (U)
Tab GND
5
4
3
2
1
IN
SW
GND
FB
COMP
Tab GND
5
4
3
2
1
IN
SW
GND
FB
COMP
100 kHz, 2.5A Switching Regulator


Similar Part No. - MIC2171WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171WT MICREL-MIC2171WT Datasheet
191Kb / 12P
100kHz 2.5A Switching Regulator
More results

Similar Description - MIC2171WT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
NTE Electronics
NTE7107 NTE-NTE7107 Datasheet
83Kb / 3P
Integrated Circuit Switching Regulator, 2.5A
logo
Rhombus Industries Inc.
T-1165 RHOMBUS-IND-T-1165 Datasheet
21Kb / 1P
100 kHz Switching Transformer
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171_07 Datasheet
191Kb / 12P
100kHz 2.5A Switching Regulator
logo
STMicroelectronics
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com