Electronic Components Datasheet Search
  English  ▼

X  

LTC7891 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC7891
Description  100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7891 Datasheet(HTML) 4 Page - Analog Devices

  LTC7891 Datasheet HTML 1Page - Analog Devices LTC7891 Datasheet HTML 2Page - Analog Devices LTC7891 Datasheet HTML 3Page - Analog Devices LTC7891 Datasheet HTML 4Page - Analog Devices LTC7891 Datasheet HTML 5Page - Analog Devices LTC7891 Datasheet HTML 6Page - Analog Devices LTC7891 Datasheet HTML 7Page - Analog Devices LTC7891 Datasheet HTML 8Page - Analog Devices LTC7891 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Data Sheet
LTC7891
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 36
Table 1. Electrical Characteristics
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
GATE DRIVERS
TGxx or BGxx On-Resistance
DRVSET = INTVCC
Pull-Up
2.0
Ω
Pull-Down
1.0
Ω
BOOST to DRVCC Switch On-Resistance
DRVSET = INTVCC
7
Ω
TGxx or BGxx Transition Time4
Rise Time
25
ns
Fall Time
15
ns
TGxx Off to BGxx On Delay4
Synchronous Switch On Delay Time
DTCA = 0 V
20
ns
BGxx Off to TGxx On Delay4
Top Switch On Delay Time
DTCB = 0 V
20
ns
BGxx Falling to SW Rising Delay5
DTCA = INTVCC, DTCB = INTVCC or resistor
2
ns
DTCA = 50 kΩ, DTCB = INTVCC or resistor
25
ns
DTCA = 100 kΩ, DTCB = INTVCC or resistor
40
ns
SW Falling to BGxx Rising Delay5
DTCB = INTVCC, DTCA = INTVCC or resistor
0.5
ns
DTCB = 50 kΩ, DTCA = INTVCC or resistor
25
ns
DTCB = 100 kΩ, DTCA = INTVCC or resistor
40
ns
TGxx Minimum On-Time6
tON(MIN)
40
ns
Maximum Duty Cycle
Output in dropout, FREQ = 0 V
99
%
INTVCC LOW DROPOUT (LDO)
LINEAR REGULATORS
INTVCC Voltage for VIN and EXTVCC LDOs
EXTVCC = 0 V for VIN LDO, 12 V for EXTVCC LDO
DRVSET = INTVCC
5.2
5.5
5.7
V
DRVSET = 0 V
4.8
5.0
5.2
V
DRVSET= 64.9 kΩ
4.5
4.75
5.0
V
DRVCC Load Regulation
DRVCC load current (ICC) = 0 mA to 100 mA, TA =
25°C
1
3
%
Undervoltage Lockout
UVLO
DRVCC Rising
DRVUV = INTVCC
4.8
5.0
5.2
V
DRVUV = 0 V
3.6
3.8
4.0
V
DRVUV = floating
4.2
4.4
4.6
V
DRVCC Falling
DRVUV = INTVCC
4.55
4.75
4.95
V
DRVUV = 0 V
3.4
3.6
3.8
V
DRVUV = floating
4.0
4.18
4.4
V
EXTVCC LDO Switchover Voltage
EXTVCC Rising
DRVUV = INTVCC or floating, TA = 25°C
5.75
5.95
6.15
V
DRVUV = 0 V, TA = 25°C
4.6
4.76
4.9
V
EXTVCC Switchover Hysteresis
EXTVCC Falling
DRVUV = INTVCC or floating
390
mV
DRVUV = 0 V
220
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com