Electronic Components Datasheet Search
  English  ▼

X  

LTC7891 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC7891
Description  100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7891 Datasheet(HTML) 3 Page - Analog Devices

  LTC7891 Datasheet HTML 1Page - Analog Devices LTC7891 Datasheet HTML 2Page - Analog Devices LTC7891 Datasheet HTML 3Page - Analog Devices LTC7891 Datasheet HTML 4Page - Analog Devices LTC7891 Datasheet HTML 5Page - Analog Devices LTC7891 Datasheet HTML 6Page - Analog Devices LTC7891 Datasheet HTML 7Page - Analog Devices LTC7891 Datasheet HTML 8Page - Analog Devices LTC7891 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
LTC7891
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 36
ELECTRICAL CHARACTERISTICS
TJ = −40°C to +150°C for the minimum and maximum values, TA = 25°C for the typical values, VIN = 12 V, RUN = 12 V, VPRG = floating,
EXTVCC = 0 V, DRVSET = 0 V, DRVUV = 0 V, TGUP = TGDN = TGxx, BGUP = BGDN = BGxx, and DTCA and DTCB = 0 V, unless otherwise
noted.
Table 1. Electrical Characteristics
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT SUPPLY
Input Supply Operating Range
VIN
4
100
V
Total Input Supply Current in Regulation
IVIN
48 V to 5 V, no load1
5
μA
14 V to 3.3 V, no load1
14
μA
CONTROLLER OPERATION
Regulated Output Voltage Set Point
VOUT
0.8
60
V
Regulated Feedback Voltage 2
VFB
VIN = 4 V to 100 V, ITH voltage = 0.6 V to 1.2 V
VPRG = floating, TA = 25°C
0.792
0.8
0.808
V
VPRG = floating
0.788
0.8
0.812
V
VPRG = 0 V
4.925
5.0
5.075
V
VPRG = INTVCC
11.82
12
12.18
V
Feedback Current2
VPRG = floating, TA = 25°C
−50
0
+50
nA
VPRG = 0 V or INTVCC, TA = 25°C
1
2
µA
Feedback Overvoltage Threshold
Relative to VFB, TA = 25°C
7
10
13
%
Transconductance Amplifier2
gM
ITH = 1.2 V, sink and source current = 5 μA
1.8
mMho
Maximum Current Sense Threshold
VSENSE(MAX) VFB = 0.7 V, SENSE− = 3.3 V
ILIM = 0 V
21
26
31
mV
ILIM = floating
45
50
55
mV
ILIM = INTVCC
67
75
83
mV
SENSE+ Pin Current
ISENSE+
SENSE+ = 3.3 V, TA = 25°C
−1
+1
μA
SENSE− Pin Current
ISENSE−
SENSE− < 3 V
1
μA
3.2 V ≤ SENSE– < INTVCC – 0.5 V
75
μA
SENSE– > INTVCC + 0.5 V
725
μA
Soft Start Charge Current
TRACK/SS = 0 V
9.5
12
14.5
μA
RUN Pin On Threshold
RUN rising
1.15
1.20
1.25
V
RUN Pin Hysteresis
120
mV
DC SUPPLY CURRENT
VIN Shutdown Current
RUN = 0 V
1
μA
VIN Sleep Mode Current
SENSE− < 3.2 V, EXTVCC = 0 V
15
µA
Sleep Mode Current3
VIN current, SENSE– ≥ 3.2 V, EXTVCC = 0 V
5
µA
VIN current, SENSE– ≥ 3.2 V, EXTVCC ≥ 4.8 V
1
µA
EXTVCC current, SENSE– ≥ 3.2 V, EXTVCC ≥ 4.8 V
6
µA
SENSE– current, SENSE– ≥ 3.2 V
10
µA
Pulse Skipping (PS) or Forced Continuous Mode
(FCM), VIN or EXTVCC Current3
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com