Electronic Components Datasheet Search
  English  ▼

X  

LTC7891 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC7891
Description  100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7891 Datasheet(HTML) 2 Page - Analog Devices

  LTC7891 Datasheet HTML 1Page - Analog Devices LTC7891 Datasheet HTML 2Page - Analog Devices LTC7891 Datasheet HTML 3Page - Analog Devices LTC7891 Datasheet HTML 4Page - Analog Devices LTC7891 Datasheet HTML 5Page - Analog Devices LTC7891 Datasheet HTML 6Page - Analog Devices LTC7891 Datasheet HTML 7Page - Analog Devices LTC7891 Datasheet HTML 8Page - Analog Devices LTC7891 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Data Sheet
LTC7891
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 36
Features................................................................ 1
Applications........................................................... 1
Typical Application Circuit .....................................1
General Description...............................................1
Specifications........................................................ 3
Electrical Characteristics.................................... 3
Absolute Maximum Ratings...................................6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Typical Performance Characteristics..................... 9
Theory of Operation.............................................15
Functional Diagram.......................................... 15
Main Control Loop............................................15
Power and Bias Supplies (VIN, EXTVCC,
DRVCC, and INTVCC)......................................15
High-Side Bootstrap Capacitor.........................15
Dead Time Control (DTCA and DTCB Pins).... 16
Startup and Shutdown (RUN and
TRACK/SS Pins)............................................ 16
Light Load Operation: Burst Mode
Operation, Pulse Skipping Mode, or
Forced Continuous Mode (MODE Pin)...........16
Frequency Selection, Spread Spectrum,
and Phase-Locked Loop (FREQ and
PLLIN/SPREAD Pins).................................... 17
Output Overvoltage Protection......................... 17
Foldback Current..............................................17
Power Good..................................................... 17
Applications Information...................................... 18
Inductor Value Calculation................................18
Inductor Core Selection....................................18
Current Sense Selection.................................. 18
Low Value Resistor Current Sensing................19
Inductor DCR Current Sensing.........................19
Setting the Operating Frequency..................... 20
Selecting the Light Load Operating Mode........21
Dead Time Control (DTCA and DTCB Pins).... 21
CIN and COUT Selection....................................23
Setting the Output Voltage............................... 23
RUN Pin and Undervoltage Lockout................ 24
Soft Start and Tracking (TRACK/SS Pin)......... 24
INTVCC Regulators (OPTI-DRIVE)...................25
Topside FET Driver Supply (CB).......................26
Minimum On Time Considerations................... 26
Fault Conditions: Current Limit and Foldback.. 26
Fault Conditions: Overvoltage Protection.........27
Fault Conditions: Overtemperature
Protection....................................................... 27
Phase-Locked Loop and Frequency
Synchronization..............................................27
Efficiency Considerations................................. 27
Checking Transient Response......................... 28
Design Example............................................... 28
PCB Layout Checklist.......................................29
PCB Layout Debugging....................................30
Typical Applications..........................................32
Related Products..............................................35
Outline Dimensions............................................. 36
Ordering Guide.................................................36
Evaluation Boards............................................ 36
REVISION HISTORY
5/2022—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com