Electronic Components Datasheet Search
  English  ▼

X  

LTC7891 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7891
Description  100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7891 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7891 Datasheet HTML 20Page - Analog Devices LTC7891 Datasheet HTML 21Page - Analog Devices LTC7891 Datasheet HTML 22Page - Analog Devices LTC7891 Datasheet HTML 23Page - Analog Devices LTC7891 Datasheet HTML 24Page - Analog Devices LTC7891 Datasheet HTML 25Page - Analog Devices LTC7891 Datasheet HTML 26Page - Analog Devices LTC7891 Datasheet HTML 27Page - Analog Devices LTC7891 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Data Sheet
LTC7891
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 24 of 36
Figure 44. Setting Adjustable Output Voltage
Figure 45. Setting Fixed 12 V or 5 V Voltage
RUN PIN AND UNDERVOLTAGE LOCKOUT
The LTC7891 is enabled using the RUN pin. The RUN pin has a
rising threshold of 1.2 V with 100 mV of hysteresis. Pulling the RUN
pin below 1.08 V shuts down the main control loop and resets the
soft start. Pulling the RUN pin below 0.7 V disables the controller
and most internal circuits, including the INTVCC LDO regulators. In
this state, the LTC7891 draws only ≈1 μA of quiescent current.
The RUN pin is high impedance, must be externally pulled up or
pulled down, and is driven directly by logic. The RUN pin can
tolerate up to 100 V (the absolute maximum). Therefore, the pin
can be conveniently tied to VIN in always on applications where the
controller is enabled continuously and never shut down. Do not float
the RUN pin.
The RUN pin can also be configured as a precise UVLO on the
input supply with a resistor divider from VIN to GND, as shown in
Figure 46.
Figure 46. Using the RUN Pin as a UVLO
The VIN UVLO thresholds can be computed by Equation 17 and
Equation 18, as follows:
UVLO Rising=1.2V1+R1R2
(17)
UVLO Falling=1.08V1+R1R2
(18)
The current that flows through the R1 and R2 divider adds to the
shutdown, sleep, and active current of the LTC7891. Take care to
minimize the impact of this current on the overall efficiency of the
application circuit. Resistor values in the MΩ range can be required
to keep the impact on quiescent shutdown and sleep currents low.
SOFT START AND TRACKING (TRACK/SS PIN)
The startup of VOUT is controlled by the voltage on the TRACK/SS
pin. When the voltage on the TRACK/SS pin is less than the inter-
nal 0.8 V reference, the LTC7891 regulates the VFB pin voltage to
the voltage on the TRACK/SS pin instead of the internal reference.
The TRACK/SS pin can be used to program an external soft start
function, or to allow VOUT to track another supply during startup.
Soft start is enabled by connecting a capacitor from the TRACK/SS
pin to GND. An internal 12 μA current source charges the capacitor,
providing a linear ramping voltage at the TRACK/SS pin. The
LTC7891 regulates its feedback voltage (and hence VOUT) accord-
ing to the voltage on the TRACK/SS pin, allowing VOUT to rise
smoothly from 0 V to its final regulated value. For a desired soft
start time (tSS), select a soft start capacitor (CSS) = tSS × 15 nF/ms.
Alternatively, the TRACK/SS pin can be used to track another
supply during startup, as shown qualitatively in Figure 47 and
Figure 48. To track another supply, connect a resistor divider from
the leader supply (VX) to the TRACK/SS pin of the follower supply
(VOUT), as shown in Figure 49. During startup, VOUT tracks VX,
according to the ratio set by the resistor divider in Equation 19:
VXVOUT
= RARTRACKA×RTRACKA+RTRACKB
RA+RB
(19)
Set RTRACKA = RA and RTRACKB = RB for coincident tracking (VOUT =
VX during startup).
Figure 47. Coincident Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com