Electronic Components Datasheet Search
  English  ▼

X  

OV8610 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OV8610
Description  Advanced Information Preliminary
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV8610 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OV8610 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Advanced Information
Preliminary
OV8610/OV8110
OV8610 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
OV8110 SINGLE-CHIP CMOS VGA B&W DIGITAL CAMERA
OmniVision Technologies, Inc. 930 Thompson Place Sunnyvale, CA 94085 U.S.A.
Tel: (408) 733-3030 Fax: (408) 733-3061
e-mail: info@ovt.com
Website: http://www.ovt.com
Version 1.3, August 27, 2001
Page 4
Electrical and Mechanical Characteristics
Table 2. General Characteristics
Descriptions
Min
Max
Units
Operating temperature
0
40
°C
Storage temperature
-40
125
°C
Operating humidity
TBD
TBD
Storage humidity
TBD
TBD
Table 3. DC Characteristics (0
°°°°C ≤≤≤≤ TA ≤≤≤≤ 85°°°°C, Voltages referenced to GND)
Symbol
Descriptions
Max
Typ
Min
Units
Supply
VDD1
Supply voltage
(DEVDD, ADVDD, AVDD, DVDD, DOVDD)
3.6
3.3
3.0
V
IDD1
Supply current
(@ 30 fps and 3.3V digital I/O with 25pF plus ITTL loading on
16-bit data bus)
35
30
mA
IDD3
Standby supply current
10
8
µA
Digital Inputs
VIL
Input voltage LOW
0.8
V
VIH
Input voltage HIGH
2
V
CIN
Input capacitance
10
PF
Digital Outputs (standard loading 25pF, 1.2K
Ω to 3V)
VOH
Output voltage HIGH
2.4
V
VOL
Output voltage LOW
0.6
V
SCCB Input
VIL
SIO-0 and SIO-1 (VDD2=5V)
1.5
-0.5
V
VIH
SIO-0 and SIO-1 (VDD2=5V)
VDD+0.5
3.3
3.0
V
VIL
SIO-0 and SIO-1 (VDD2=3V)
1
0
-0.5
V
VIH
SIO-0 and SIO-1 (VDD2=3V)
VDD+0.5
3
2.5
V
Table 4. AC Characteristics (TA=25
°°°°C, V
DD=3V)
Symbol
Descriptions
Max
Typ
Min
Units
RGB/YCrCb Output
ISO
Maximum sourcing current
15
mA
VY
DC level at zero signal
YPP 100% amplitude (without sync)
Sync amplitude
1.2
1
0.4
V
ADC Parameters
B
Analog bandwidth
TBD
MHz
ΦDIFF
DLE
DC differential linearity error
0.5
LSB
ILE
DC integral linearity error
1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com