Electronic Components Datasheet Search
  English  ▼

X  

OV8610 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OV8610
Description  Advanced Information Preliminary
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV8610 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OV8610 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Advanced Information
Preliminary
OV8610/OV8110
OV8610 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
OV8110 SINGLE-CHIP CMOS VGA B&W DIGITAL CAMERA
OmniVision Technologies, Inc. 930 Thompson Place Sunnyvale, CA 94085 U.S.A.
Tel: (408) 733-3030 Fax: (408) 733-3061
e-mail: info@ovt.com
Website: http://www.ovt.com
Version 1.3, August 27, 2001
Page 1
Description
The OV8610 (color) and OV8110 (black and white) CMOS
Image sensors are single-chip video/imaging camera devices
designed to provide a high level of functionality in a single,
small-footprint package. The devices incorporate an 800 x
600 image array capable of operating at up to 60 frames per
second.
Proprietary sensor technology utilizes advanced
algorithms to cancel Fixed Pattern Noise (FPN), eliminate
smearing, and drastically reduce blooming.
All required
camera functions including exposure control, gamma, gain,
white balance, color matrix, color saturation, hue control,
windowing, and more, are programmable through the serial
SCCB interface. The device can be programmed to provide
image output in different 8-bit or 16-bit digital formats.
Features
! 480,000 pixels, 1/3” lens, SVGA/QSVGA format
! Data output formats include ITU-601 and ITU-656
! Choice of progressive scan/interlaced read
! Wide dynamic range, anti-blooming, zero smearing
! Electronic exposure/gain/white balance control
! Image Controls - brightness, contrast, gamma, saturation,
sharpness, windowing, hue, etc.
! Internal & external synchronization
! Line exposure option
! 3.3-Volt operation, low power dissipation
-
< 30 mA active power at 30FPS with 10 mA load
-
< 10
µA in power-down mode
! Built in Gamma correction (0.45/0.55/1.00)
! SCCB programmable:
-
Color
saturation,
brightness,
hue,
white
balance,
exposure time, gain, etc.
Ordering Information
Product
Package
Description
OV8610
48 LCC
0.560 in
2
COLOR, SVGA,
QSVGA, QCIF
Digital, SCCB
interface
OV8110
48 LCC
0.560 in
2
SVGA, QSVGA,
QCIF, Digital,
SCCB interface
Applications
. Cell Phone
. Digital Still Camera
. PC Multimedia
. PDAs
. Machine Vision
Key Specifications
Active Array Element
(SVGA)
(QSVGA)
800x600
(400x300)
Pixel Size
6.2
µm x 6.2µm
Image Area
4.96mm x 3.72mm
Max Frames/Sec
Up to 120 FPS for QSVGA
Electronics Exposure
Up to 648:1 (for selected FPS)
Scan Mode
Progressive or Interlace
Gamma Correction
0.45/0.55/1.0
Min. Illumination
(3000K)
OV8610 < 3 lux @ f1.2
OV8110 < 0.8 lux @ f1.2
S/N Ratio
> 48 dB
(AGC off, Gamma=1)
FPN
< 0.03% VPP
Dark Current
< .2 nA/cm
2
Dynamic Range
> 72 dB
Power Supply
3.0
−3.6VDC
Power Requirements
< 30mA Active (w/10mA load)
< 10
µA Standby
Package
48 pin LCC
Y4/CS1
Y3/RGB
Y5/SHARP
Y6/CS2
DOVDD
Y7/CS0
Y0/CBAR
Y2/G2X
Y1/PROG
PCLK/PWDB
CHSYNC/BW
DOGND
OV8600/8100
35
31
34
42
36
41
33
40
37
32
38
39
HVDD
AVDD
FODD/SRAM
SCCBB
HREF/VSFRAM
VSYNC/CSYS
AGND
VTO
ADVDD
VcCHG
ADGND
PWDN
18
8
17
15
10
7
14
11
16
9
13
12
Figure 1. OV8610/OV8110 Pin Diagram


Similar Part No. - OV8610

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV8820 OMNIVISION-OV8820 Datasheet
660Kb / 2P
OV8820 8-megapixel product brief
OV8825 OMNIVISION-OV8825 Datasheet
824Kb / 2P
OV8825 8-megapixel product brief
OV8830 OMNIVISION-OV8830 Datasheet
808Kb / 2P
OV8830 8-megapixel product brief
OV8856 OMNIVISION-OV8856 Datasheet
656Kb / 2P
High Performance PureCel짰 Sensor Brings 8-Megapixel Selfies to Mainstream Smartphones
OV8858 OMNIVISION-OV8858 Datasheet
598Kb / 2P
Cost-Effective 1/4-Inch 8-Megapixel Image Sensor
More results

Similar Description - OV8610

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
IXYS Corporation
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com