Electronic Components Datasheet Search
  English  ▼

X  

OV8610 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OV8610
Description  Advanced Information Preliminary
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV8610 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OV8610 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Advanced Information
Preliminary
OV8610/OV8110
OV8610 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
OV8110 SINGLE-CHIP CMOS VGA B&W DIGITAL CAMERA
OmniVision Technologies, Inc. 930 Thompson Place Sunnyvale, CA 94085 U.S.A.
Tel: (408) 733-3030 Fax: (408) 733-3061
e-mail: info@ovt.com
Website: http://www.ovt.com
Version 1.3, August 27, 2001
Page 7
Function Description
Overview
Referring to Figure 3 below, the OV8610/OV8110 sensor in-
cludes a 824 x 615 pixel image array, an analog signal
processor, dual 10-bit A/D converters, analog video multiplexer,
digital data formatter, video port, SCCB interface and control
registers to control the timing block, exposure time, black level,
white balance and a number of other parameters.
The OV8610/OV8110 sensor is a 1/3” CMOS imaging device.
The sensor contains a total of 506,760 pixels (824x615). Its
design is based on a field integration readout system with line-
by-line transfer and an electronic rolling shutter with a
synchronous pixel readout scheme. The color filter of the
sensor consists of primary red, green, and blue filters arranged
in the line-alternating Bayer pattern, RGRG/GBGB.
WB
Detect
Column Sense Amp
B
Cr
R
Exposure/GAIN
Control
1/2
Analog
Processing
A/D
MUX
Cb
Y[7:0]
Exposure/Gain
Detect
UV[7:0]
Image Array
WB
Control
A/D
Video Timing
Generator
Y
SCCB
Interface
VTO
G
Registers
MUX
(824x615)
Figure 3. OV8610/OV8110 CMOS Image Sensor Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com