Electronic Components Datasheet Search
  English  ▼

X  

KAI-2001 Datasheet(PDF) 8 Page - ON Semiconductor

Part # KAI-2001
Description  1600 (H) x 1200 (V) Interline CCD Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 4Page - ON Semiconductor KAI-2001 Datasheet HTML 5Page - ON Semiconductor KAI-2001 Datasheet HTML 6Page - ON Semiconductor KAI-2001 Datasheet HTML 7Page - ON Semiconductor KAI-2001 Datasheet HTML 8Page - ON Semiconductor KAI-2001 Datasheet HTML 9Page - ON Semiconductor KAI-2001 Datasheet HTML 10Page - ON Semiconductor KAI-2001 Datasheet HTML 11Page - ON Semiconductor KAI-2001 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
KAI−2001
www.onsemi.com
7
Horizontal Register Split
Figure 6. Horizontal Register
Single Output
H2SL
H1SL
H1BL
H2SR
H1SR
H2BR
H1BR
Pixel
824
Pixel
825
H2SL
H2BL
H1BL
H1
H1
H1
H1
H1
H2
H2
H2
H2
H2
H2SL
H1SL
H1BL
H2SR
H1SR
H2BR
H1BR
Pixel
824
Pixel
825
H2SL
H2BL
H1BL
H1
H1
H1
H1
H2
H2
H2
H2
H1
H2
Dual Output
Single Output Operation
When operating the sensor in single output mode all pixels
of the image sensor will be shifted out the Video L output
(pin 31). To conserve power and lower heat generation the
output amplifier for Video R may be turned off by
connecting VDDR (pin 24) and VOUTR (pin 24) to GND
(zero volts).
The H1 timing from the timing diagrams should be
applied to H1SL, H1BL, H1SR, H2BR, and the H2 timing
should be applied to H2SL, H2BL, H2SR, and H1BR. In
other words, the clock driver generating the H1 timing
should be connected to pins 4, 3, 13, and 15. The clock driver
generating the H2 timing should be connected to pins 5, 2,
12, and 14. The horizontal CCD should be clocked for 4
empty pixels plus 16 light shielded pixels plus 1,608
photoactive pixels plus 16 light shielded pixels for a total of
1,644 pixels.
Dual Output Operation
In dual output mode the connections to the H1BR and
H2BR pins are swapped from the single output mode to
change the direction of charge transfer of the right side
horizontal shift register. In dual output mode both VDDL
and VDDR (pins 25, 24) should be connected to 15 V.
The H1 timing from the timing diagrams should be applied
to H1SL, H1BL, H1SR, H1BR, and the H2 timing should be
applied to H2SL, H2BL, H2SR, and H2BR. The clock driver
generating the H1 timing should be connected to pins 4, 3,
13, and 14. The clock driver generating the H2 timing should
be connected to pins 5, 2, 12, and 15. The horizontal CCD
should be clocked for 4 empty pixels plus 16 light shielded
pixels plus 804 photoactive pixels for a total of 824 pixels.
If the camera is to have the option of dual or single output
mode, the clock driver signals sent to H1BR and H2BR may
be swapped by using a relay. Another alternative is to have
two extra clock drivers for H1BR and H2BR and invert the
signals in the timing logic generator. If two extra clock
drivers are used, care must be taken to ensure the rising and
falling edges of the H1BR and H2BR clocks occur at the
same time (within 3 ns) as the other HCCD clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com