Electronic Components Datasheet Search
  English  ▼

X  

KAI-2001 Datasheet(PDF) 12 Page - ON Semiconductor

Part # KAI-2001
Description  1600 (H) x 1200 (V) Interline CCD Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 8Page - ON Semiconductor KAI-2001 Datasheet HTML 9Page - ON Semiconductor KAI-2001 Datasheet HTML 10Page - ON Semiconductor KAI-2001 Datasheet HTML 11Page - ON Semiconductor KAI-2001 Datasheet HTML 12Page - ON Semiconductor KAI-2001 Datasheet HTML 13Page - ON Semiconductor KAI-2001 Datasheet HTML 14Page - ON Semiconductor KAI-2001 Datasheet HTML 15Page - ON Semiconductor KAI-2001 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
KAI−2001
www.onsemi.com
11
Table 6. PERFORMANCE SPECIFICATIONS (continued)
Description
Temperature
Tested at
(
5C)
Sampling
Plan
Unit
Max.
Nom.
Min.
Symbol
ALL CONFIGURATIONS
Output Amplifier Bandwidth
f−3DB
−
140
−
MHz
Design
Output Amplifier Impedance
ROUT
100
130
200
W
Die
Output Amplifier Sensitivity
DV/DN
−
16
−
mV/e−
Design
KAI−2001−ABA CONFIGURATION
Peak Quantum Efficiency
QEMAX
45
55
N/A
%
Design
Peak Quantum Efficiency Wavelength
lQE
N/A
500
N/A
nm
Design
KAI−2001−CBA CONFIGURATION
Peak Quantum Efficiency
Red
Green
Blue
QEMAX
−
−
−
35
42
45
N/A
N/A
N/A
%
Design
Peak Quantum Efficiency Wavelength
Red
Green
Blue
lQE
−
−
−
620
540
470
N/A
N/A
N/A
nm
Design
NOTE: N/A = Not Applicable.
1. Per color.
2. Value is over the range of 10% to 90% of photodiode saturation.
3. Value is for the sensor operated without binning.
4. Includes system electronics noise, dark pattern noise and dark current shot noise at 20 MHz.
5. Includes system electronics noise, dark pattern noise and dark current shot noise at 40 MHz.
6. Uses 20LOG (PNe /ne−T).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com