Electronic Components Datasheet Search
  English  ▼

X  

KAI-2001 Datasheet(PDF) 9 Page - ON Semiconductor

Part # KAI-2001
Description  1600 (H) x 1200 (V) Interline CCD Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 5Page - ON Semiconductor KAI-2001 Datasheet HTML 6Page - ON Semiconductor KAI-2001 Datasheet HTML 7Page - ON Semiconductor KAI-2001 Datasheet HTML 8Page - ON Semiconductor KAI-2001 Datasheet HTML 9Page - ON Semiconductor KAI-2001 Datasheet HTML 10Page - ON Semiconductor KAI-2001 Datasheet HTML 11Page - ON Semiconductor KAI-2001 Datasheet HTML 12Page - ON Semiconductor KAI-2001 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
KAI−2001
www.onsemi.com
8
Output
Figure 7. Output Architecture
VDD
VOUT
Floating
Diffusion
HCCD
Charge
Transfer
Source
Follower
#1
Source
Follower
#2
Source
Follower
#3
H2B
OG
R
RD
H1S
H1B
H2S
H2B
H1S
VDD
VSS
Charge packets contained in the horizontal register are
dumped pixel by pixel onto the floating diffusion (FD)
output node whose potential varies linearly with the quantity
of charge in each packet. The amount of potential charge is
determined
by
the
expression
DVFD = DQ/CFD.
A three-stage source-follower amplifier is used to buffer
this signal voltage off chip with slightly less than unity gain.
The translation from the charge domain to the voltage
domain is quantified by the output sensitivity or charge to
voltage conversion in terms of microvolts per electron
(
mV/e−). After the signal has been sampled off chip, the reset
clock (R) removes the charge from the floating diffusion and
resets its potential to the reset drain voltage (RD).
When the image sensor is operated in the binned or
summed interlaced modes there will be more than 40,000 e−
in the output signal. The image sensor is designed with
a16
mV/e charge to voltage conversion on the output. This
means a full signal of 40,000 electrons will produce
a 640 mV change on the output amplifier. The output
amplifier was designed to handle an output swing of 640 mV
at a pixel rate of 40 MHz. If 80,000 electron charge packets
are generated in the binned or summed interlaced modes
then the output amplifier output will have to swing
1,280 mV. The output amplifier does not have enough
bandwidth (slew rate) to handle 1,280 mV at 40 MHz.
Hence, the pixel rate will have to be reduced to 20 MHz if
the full dynamic range of 80,000 electrons is desired.
The charge handling capacity of the output amplifier is
also set by the reset clock voltage levels. The reset clock
driver circuit is very simple if an amplitude of 5 V is used.
But the 5 V amplitude restricts the output amplifier charge
capacity to 40,000 electrons. If the full dynamic range of
80,000 electrons is desired then the reset clock amplitude
will have to be increased to 7 V.
If you only want a maximum signal of 40,000 electrons in
binned or summed interlaced modes, then a 40 MHz pixel
rate with a 5 V reset clock may be used. The output of the
amplifier will be unpredictable above 40,000 electrons so be
sure to set the maximum input signal level of your analog to
digital converter to the equivalent of 40,000 electrons
(640 mV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com