Electronic Components Datasheet Search
  English  ▼

X  

KAI-2001 Datasheet(PDF) 23 Page - ON Semiconductor

Part # KAI-2001
Description  1600 (H) x 1200 (V) Interline CCD Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 19Page - ON Semiconductor KAI-2001 Datasheet HTML 20Page - ON Semiconductor KAI-2001 Datasheet HTML 21Page - ON Semiconductor KAI-2001 Datasheet HTML 22Page - ON Semiconductor KAI-2001 Datasheet HTML 23Page - ON Semiconductor KAI-2001 Datasheet HTML 24Page - ON Semiconductor KAI-2001 Datasheet HTML 25Page - ON Semiconductor KAI-2001 Datasheet HTML 26Page - ON Semiconductor KAI-2001 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
KAI−2001
www.onsemi.com
22
TIMING
Table 12. TIMING REQUIREMENTS
Description
Symbol
Min.
Nom.
Max.
Unit
HCCD Delay
tHD
1.3
1.5
10.0
ms
VCCD Transfer Time
tVCCD
1.3
1.5
20.0
ms
Photodiode Transfer Time
tV3rd
8.0
12.0
15.0
ms
VCCD Pedestal Time
t3P
20.0
25.0
50.0
ms
VCCD Delay
t3D
15.0
20.0
100.0
ms
Reset Pulse Time
tR
5.0
10.0
−
ns
Shutter Pulse Time
tS
3.0
5.0
10.0
ms
Shutter Pulse Delay
tSD
1.0
1.6
10.0
ms
HCCD Clock Period
tH
25.0
50.0
200.0
ns
VCCD Rise/Fall Time
tVR
0.0
0.1
1.0
ms
Fast Dump Gate Delay
tFD
0.0
0.0
0.5
ms
Vertical Clock Edge Alignment
tVE
0.0
−
100.0
ns
Timing Modes
Progressive Scan
Figure 19. Progressive Scan Operation
Photodiode
CCD Shift Register
0
1
2
3
5
4
7
6
Output
HCCD
In progressive scan read out every pixel in the image
sensor is read out simultaneously. Each charge packet is
transferred from the photodiode to the neighboring vertical
CCD shift register simultaneously. The maximum useful
signal output is limited by the photodiode charge capacity to
40,000 electrons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com