Electronic Components Datasheet Search
  English  ▼

X  

KAI-2001 Datasheet(PDF) 16 Page - ON Semiconductor

Part # KAI-2001
Description  1600 (H) x 1200 (V) Interline CCD Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 12Page - ON Semiconductor KAI-2001 Datasheet HTML 13Page - ON Semiconductor KAI-2001 Datasheet HTML 14Page - ON Semiconductor KAI-2001 Datasheet HTML 15Page - ON Semiconductor KAI-2001 Datasheet HTML 16Page - ON Semiconductor KAI-2001 Datasheet HTML 17Page - ON Semiconductor KAI-2001 Datasheet HTML 18Page - ON Semiconductor KAI-2001 Datasheet HTML 19Page - ON Semiconductor KAI-2001 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
KAI−2001
www.onsemi.com
15
Power-Estimated
Figure 14. Power
Horizontal Clock Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
0
5
10
15
20
25
30
35
40
Right Output Disabled
Output Power One Output (mW)
Horizonatl Power (mW)
Vertical Power One Output (mW)
Total Power One Output (mW)
Frame Rates
Figure 15. Frame Rates
Pixel Clock (MHz)
0
10
20
30
40
50
60
70
10
15
20
25
30
35
40
Dual 2
×2 Binning
Dual Output or Single
2
×2 Binning
Single Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com