Electronic Components Datasheet Search
  English  ▼

X  

AD8384 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8384
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8384 Datasheet HTML 3Page - Analog Devices AD8384 Datasheet HTML 4Page - Analog Devices AD8384 Datasheet HTML 5Page - Analog Devices AD8384 Datasheet HTML 6Page - Analog Devices AD8384 Datasheet HTML 7Page - Analog Devices AD8384 Datasheet HTML 8Page - Analog Devices AD8384 Datasheet HTML 9Page - Analog Devices AD8384 Datasheet HTML 10Page - Analog Devices AD8384 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8384
Rev. 0 | Page 7 of 24
POWER SUPPLIES
Table 5. @ 25°C, AVCC = 15.5 V, DVCC = 3.3 V, TA MIN = 0°C, TA MAX = 85°C, SVRL = 4 V, SVRH = 9 V, unless otherwise noted
Parameter
Min
Typ
Max
Unit
DVCC, Operating Range
3
3.3
3.6
V
DVCC, Quiescent Current
40
50
mA
AVCC Operating Range
9
18
V
Total AVCC Quiescent Current
70
85
mA
OPERATING TEMPERATURE
Parameter
Conditions
Min
Typ
Max
Unit
Ambient Temperature Range, TA7
Still Air
0
75
°C
Ambient Temperature Range, TA8
200 lfm
0
85
°C
Junction Temperature Range, TJ
100% Tested
25
125
°C
7 Operation at high ambient temperature requires a thermally optimized PCB layout (see the Applications section), input data update rate not exceeding 85 MHz, black-
to-white transition ≤ 4V and CL ≤ 150 pF. In systems with limited or no airflow, the maximum ambient operating temperature is limited to 75°C. For operation above
75°C, see Note 8 below.
8 In addition to the requirements stated in Note 7 above, operation at 85°C ambient temperature requires 200 lfm airflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com