Electronic Components Datasheet Search
  English  ▼

X  

AD8384 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8384
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8384 Datasheet HTML 13Page - Analog Devices AD8384 Datasheet HTML 14Page - Analog Devices AD8384 Datasheet HTML 15Page - Analog Devices AD8384 Datasheet HTML 16Page - Analog Devices AD8384 Datasheet HTML 17Page - Analog Devices AD8384 Datasheet HTML 18Page - Analog Devices AD8384 Datasheet HTML 19Page - Analog Devices AD8384 Datasheet HTML 20Page - Analog Devices AD8384 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8384
Rev. 0 | Page 17 of 24
APPLICATIONS
IMAGE
PROCESSOR
1/3 AD8389
CLK
DXI, CLXI,
ENBX(1–4)I
DXxO, CLXxO,
ENBX(1–4)xO
MONITxI
µP
AD8384
VID(0:5)
DB(0:5)
STSQ, XFR,
CLK, R/L, INV
DIRX, DIRY,
DY, CLY,
CLYN, NRG
DIRXIN, DIRYIN,
DYIN, CLYIN,
NRGIN
MONITI
MONITO
DX,
CLX, CLXN,
ENBX (1–4)
DXIN,
CLXIN,
ENBXIN (1–4)
SDI
SCL
SEN
VAO1
VAO2
VRH, VRL,
V1, V2,
SVRH, SVRL
DC REFERENCE
VOLTAGES
MONITOR
VCOM
LCD TIMING
CONTROLS
LCD TIMING
CONTROLS
6-CHANNEL LCD
CHANNEL 0–5
Figure 16. Typical Applications Circuit
POWER SUPPLY SEQUENCING
As indicated under the Absolute Maximum Ratings, the voltage
at any input pin cannot exceed its supply voltage by more than
0.5 V. To ensure compliance with the Absolute Maximum
Ratings, the following power-up and power-down sequencing is
recommended.
During power-up, initial application of nonzero voltages to any
of the input pins must be delayed until the supply voltage ramps
up to at least the highest maximum operational input voltage.
During power-down, the voltage at any input pin must reach
zero during a period not exceeding the hold-up time of the
power supply.
Power ON
Sequence the applied voltages starting with the highest and
proceeding toward the lowest. Apply AVCC and then proceed
with applying the voltages in a decreasing order, for example
VRH, V2, and so on. Apply DVCC last.
Power OFF
Remove voltages starting with the lowest and proceed toward
the highest. Remove DVCC and then proceed with the voltages
in an increasing order, for example V1, V2, VRH, and so on.
Remove AVCC last.
Failure to comply with the Absolute Maximum Ratings may
result in functional failure or damage to the internal ESD
diodes. Damaged ESD diodes may cause temporary parametric
failures, which may result in image artifacts. Damaged ESD
diodes cannot provide full ESD protection, reducing reliability.
To Ensure Grounded Output Mode at Power-Off
If references are active sources:
1.
Program Grounded Output mode
2.
Turn off references
3.
Turn off AVCC
4.
Turn off DVCC
If references are passive voltage dividers dependent on AVCC:
1.
Program Grounded Output mode
2.
Set AVCC to 5 V
3.
Hold for 1 ms
4.
Turn off DVCC
5.
Turn off AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com