Electronic Components Datasheet Search
  English  ▼

X  

AD8384 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8384
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8384 Datasheet HTML 15Page - Analog Devices AD8384 Datasheet HTML 16Page - Analog Devices AD8384 Datasheet HTML 17Page - Analog Devices AD8384 Datasheet HTML 18Page - Analog Devices AD8384 Datasheet HTML 19Page - Analog Devices AD8384 Datasheet HTML 20Page - Analog Devices AD8384 Datasheet HTML 21Page - Analog Devices AD8384 Datasheet HTML 22Page - Analog Devices AD8384 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8384
Rev. 0 | Page 19 of 24
PCB DESIGN FOR OPTIMIZED THERMAL
PERFORMANCE
The AD8384’s total maximum power dissipation is partly load
dependent. In a 6-channel 60Hz XGA system running at a
65 MHz clock rate, the total maximum power dissipation is
1.6 W at a 150 pF LCD input capacitance.
At a clock rate of 100 MHz, the total maximum power
dissipation can exceed 2 W, as shown in Table 14, for a black-to-
white video output voltage swing of 4 V and 5 V.
Table 14. Power Dissipation
VSWING = 5 V
VSWING = 4 V
CLOAD
(pF)
PQUIESCENT
(W)
PDYNAMIC
(W)
PTOTAL
(W)
PDYNAMIC
(W)
PTOTAL
(W)
150
1.12
0.82
1.94
0.71
1.83
200
1.12
1.01
2.13
0.86
1.98
250
1.12
1.21
2.33
1.01
2.13
300
1.12
1.41
2.53
1.17
2.29
Although the maximum safe operating junction temperature is
higher, the AD8384 is 100% tested at a junction temperature of
125°C. Consequently, the maximum guaranteed operating
junction temperature is 125°C. To limit the maximum junction
temperature at or below the guaranteed maximum, the package,
in conjunction with the PCB, must effectively conduct heat
away from the junction.
The AD8384 package is designed to provide enhanced thermal
characteristics through the exposed die paddle on the bottom
surface of the package. In order to take full advantage of this
feature, the exposed paddle must be in direct thermal contact
with the PCB, which then serves as a heat sink.
A thermally effective PCB must incorporate two thermal pads
and a thermal via structure. The thermal pad on the top surface
of the PCB provides a solderable contact surface on the top
surface of the PCB. The thermal pad on the bottom PCB layer
provides a surface in direct contact with the ambient. The
thermal via structure provides a thermal path to the inner and
bottom layers of the PCB to remove heat.
THERMAL PAD DESIGN
To minimize thermal performance degradation of production
PCBs, the contact area between the thermal pad and the PCB
should be maximized. Therefore, the size of the thermal pad on
the top PCB layer should match the exposed paddle. The second
thermal pad of the same size should be placed on the bottom
side of the PCB. At least one thermal pad should be in direct
thermal contact with an external plane such as AVCC or GND.
THERMAL VIA STRUCTURE DESIGN
Effective heat transfer from the top to the inner and bottom
layers of the PCB requires thermal vias incorporated into the
thermal pad design. Thermal performance increases
logarithmically with the number of vias.
Near optimum thermal performance of production PCBs is
attained only when tightly spaced thermal vias are placed on the
full extent of the thermal pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com