Electronic Components Datasheet Search
  English  ▼

X  

AD8384 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8384
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8384 Datasheet HTML 5Page - Analog Devices AD8384 Datasheet HTML 6Page - Analog Devices AD8384 Datasheet HTML 7Page - Analog Devices AD8384 Datasheet HTML 8Page - Analog Devices AD8384 Datasheet HTML 9Page - Analog Devices AD8384 Datasheet HTML 10Page - Analog Devices AD8384 Datasheet HTML 11Page - Analog Devices AD8384 Datasheet HTML 12Page - Analog Devices AD8384 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8384
Rev. 0 | Page 9 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC =
NO CONNECT
DGND
TSTM
CLK
XFR
STSQ
INV
R/L
E/O
SDI
SEN
SCL
NC
AGNDS
SVRL
SVRH
VAO1
VAO2
AVCCS
DIRXIN
DIRYIN
AGND0
VID0
AVCC0,1
VID1
AGND1,2
VID2
AVCC2,3
VID3
AGND3,4
VID4
AVCC4,5
VID5
AGND5
CLXN
CLX
ENBX4
ENBX3
ENBX2
ENBX1
DX
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
12
17
18
20
19
80 79 78 77 76
71 70 69 68 67 66 65
75 74 73 72
64 63 62 61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD8384
Figure 3. 80-Lead 12 mm × 12 mm TQFP E-Pad Pin Configuration
Table 7. Pin Function Descriptions
Pin Name
Function
Description
DB(0:9)
Data Input
10-Bit Data Input. MSB = DB(9).
CLK
Clock
Clock Input.
STSQ
Start Sequence
The state of STSQ is detected on the active edge of CLK. A new data loading sequence
begins on the next active edge of CLK after STSQ is detected HIGH.
The active CLK edge is the rising edge when E/O is held HIGH. It is the falling edge when
E/O is held LOW.
R/L
Right/Left Select
A new data loading sequence begins on the left, with Channel 0, when this input is LOW,
and on the right, with Channel 5, when this input is HIGH.
E/O
Even/Odd Select
The active CLK edge is the rising edge when this input is held HIGH. It is the falling edge
when this input is held LOW. Data is loaded sequentially on the rising edges of CLK when
this input is HIGH and on the falling edges when this input is LOW.
XFR
Data Transfer
XFR is detected and a data transfer is initiated on a rising CLK edge when this input is held
HIGH. Data is transferred to the video outputs on the next rising CLK edge after XFR is
detected.
VID0–VID5
Analog Outputs
These pins are directly connected to the analog inputs of the LCD panel.
V1, V2
Reference Voltages
The voltage applied between V1 and AGND sets the white video level during INV = LOW.
The voltage applied between V2 and AGND sets the white video level during INV = HIGH.
VRH, VRL
Full-Scale References
Twice the voltage applied between these pins sets the full-scale video output voltage.
BYP
Bypass
A 0.1µ F capacitor connected between this pin and AGND ensures optimum settling time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com