Electronic Components Datasheet Search
  English  ▼

X  

AD8384 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8384
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384 Datasheet(HTML) 1 Page - Analog Devices

  AD8384 Datasheet HTML 1Page - Analog Devices AD8384 Datasheet HTML 2Page - Analog Devices AD8384 Datasheet HTML 3Page - Analog Devices AD8384 Datasheet HTML 4Page - Analog Devices AD8384 Datasheet HTML 5Page - Analog Devices AD8384 Datasheet HTML 6Page - Analog Devices AD8384 Datasheet HTML 7Page - Analog Devices AD8384 Datasheet HTML 8Page - Analog Devices AD8384 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
10-Bit, 6-Channel Decimating
LCD DecDriver® with Level Shifters
AD8384
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
PRODUCT FEATURES
High accuracy, high resolution voltage outputs
10-bit input resolution
Laser trimmed outputs
Fast settling, high voltage drive
30 ns settling time to 0.25% into a 150 pF load
Slew rate 460 V/µs
Outputs to within 1.3 V of supply rails
High update rates
Fast, 100 Ms/s 10-bit input data update rate
Voltage controlled video reference (brightness), offset, and
full-scale (contrast) output levels
Flexible logic
STSQ/XFR allow parallel AD8384 operation
INV bit reverses polarity of video signal
Output short-circuit protection
3.3 V logic, 9 V to 18 V analog supplies
18 V level shifters for panel timing signals
Available in 80-lead 12 mm × 12 mm TQFP E-pad
APPLICATIONS
LCD analog column drivers
FUNCTIONAL BLOCK DIAGRAM
BYP
DYIN
DIRYIN
DIRXIN
NRGIN
DXIN
ENBX1IN
ENBX2IN
ENBX3IN
ENBX4IN
CLXIN
CLYIN
MONITI
SVRH
SVRL
SDI
SCL
SEN
VRH
VRL
R/L
CLK
STSQ
XFR
DB(0:9)
INV
V1
V2
TSTM
CLX
CLY
CLXN
CLYN
MONITO
AD8384
VAO1
VAO2
VID0
VID1
VID2
VID3
VID4
VID5
DY
DIRY
DIRX
NRG
DX
ENBX1
ENBX2
ENBX3
ENBX4
SCALING
CONTROL
SEQUENCE
CONTROL
BIAS
DACs
2-STAGE
LATCH
INV
CONTROL
12-BIT
SHIFT
REGISTER
DUAL
DAC
S
R
9/
2/
3/
2/
2/
4/
10/
9/
2/
2/
6/
Figure 1.
PRODUCT DESCRIPTION
The AD8384 DecDriver provides a fast, 10-bit, latched,
decimating digital input that drives six high voltage outputs.
10-bit input words are loaded sequentially into six separate high
speed, bipolar DACs. Flexible digital input format allows several
AD8384s to be used in parallel in high resolution displays. The
output signal can be adjusted for dc reference, signal inversion,
and contrast for maximum flexibility. Integrated level shifters
convert timing signals from a 3 V timing controller to high
voltage for LCD panel timing inputs. Two serial input, 8-bit
DACs are integrated to provide dc reference signals. DAC
addresses and 8-bit data are loaded in one 12-bit serial word.
The AD8384 is fabricated on the 26 V, fast, bipolar XFHV
process developed by Analog Devices, Inc. This process
provides fast input logic, bipolar DACs with trimmed accuracy
and fast settling, high voltage, precision drive amplifiers on the
same chip.
The AD8384 dissipates 1.1 W nominal static power.
The AD8384 is offered in an 80-lead 12 mm × 12 mm TQFP
E-pad package and operates over the 0°C to 85°C commercial
temperature range.


Similar Part No. - AD8384

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
10-Bit, 6-Channel Decimating
REV. 0
More results

Similar Description - AD8384

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8380 AD-AD8380 Datasheet
219Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
AD8383 AD-AD8383 Datasheet
376Kb / 16P
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
AD8386 AD-AD8386 Datasheet
380Kb / 20P
10-Bit, 12-Channel Output Decimating LCD Driver
8/05-Revision 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
2/03-Revision 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
1/05-Revision 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
10/05-Revision 0
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
LCD Bias Supply With Integrated Level Shifters
logo
Analog Devices
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
10-Bit, 6-Channel Decimating
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
10-Bit, 12-Channel Decimating
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com