Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5441 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 30Page - Texas Instruments TMS320VC5441 Datasheet HTML 31Page - Texas Instruments TMS320VC5441 Datasheet HTML 32Page - Texas Instruments TMS320VC5441 Datasheet HTML 33Page - Texas Instruments TMS320VC5441 Datasheet HTML 34Page - Texas Instruments TMS320VC5441 Datasheet HTML 35Page - Texas Instruments TMS320VC5441 Datasheet HTML 36Page - Texas Instruments TMS320VC5441 Datasheet HTML 37Page - Texas Instruments TMS320VC5441 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
Functional Overview
25
December 1999 – Revised April 2002
SPRS122E
3.2.2.2
HPI Multiplexed Mode
In multiplexed mode, HPI16 operation is very similar to that of the standard 8-bit HPI, which is available with
other C54x
 DSP products. A host with a multiplexed address/data bus can access the HPI16 data register
(HPID), address register (HPIA), or control register (HPIC) via the HD bidirectional data bus. The host initiates
the access with the strobe signals (HDS1, HDS2, HCS) and controls the type of access with the HCNTL,
HR/W, and HAS signals. The DSP can interrupt the host via the x_HINT signal, and can stall host accesses
via the HRDY signal. Bit 20 of the HPIA register is used to make selection between program (shared) memory
and data (local) memory access. Table 3–3 shows the memory selection via HA[20].
Table 3–3. HPI Local/Shared Memory Selection Via HA[20]
HA[20]
Memory Type
0
Local (data)
1
Shared (program)
3.2.2.3
Host/DSP Interrupts
In multiplexed mode, the HPI16 offers the capability for the host and DSP to interrupt each other through the
HPIC register.
For host-to-DSP interrupts, the host must write a “1” to the DSPINT bit of the HPIC register. This generates
an interrupt to the DSP. This interrupt can also be used to wake the DSP from any of the IDLE 1,2, or 3 states.
Note that the DSPINT bit is always read as “0” by both the host and DSP. The DSP cannot write to this bit (see
Figure 3–12).
For DSP-to-host interrupts, the DSP must write a “1” to the HINT bit of the HPIC register to interrupt the host
via the x_HINT pin. The host acknowledges and clears this interrupt by also writing a “1” to the HINT bit of the
HPIC register. Note that writing a “0” to the HINT bit by either host or DSP has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com