Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5441 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 31Page - Texas Instruments TMS320VC5441 Datasheet HTML 32Page - Texas Instruments TMS320VC5441 Datasheet HTML 33Page - Texas Instruments TMS320VC5441 Datasheet HTML 34Page - Texas Instruments TMS320VC5441 Datasheet HTML 35Page - Texas Instruments TMS320VC5441 Datasheet HTML 36Page - Texas Instruments TMS320VC5441 Datasheet HTML 37Page - Texas Instruments TMS320VC5441 Datasheet HTML 38Page - Texas Instruments TMS320VC5441 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
Functional Overview
26
December 1999 – Revised April 2002
SPRS122E
3.2.2.4
HPI Nonmultiplexed Mode
In nonmultiplexed mode, a host with separate address/data buses can access the HPI16 data register (HPID)
via the 16-bit HD bidirectional data bus, and the address register (HPIA) via the 19-bit HA address bus. The
HA[18] signal is used to make selection between program (shared) memory and data (local) memory access.
Table 3–4 shows the memory selection via HA[18].
Table 3–4. HPI Local/Shared Memory Selection Via HA[18]
HA[18]
Memory Type
0
Local (data)
1
Shared (program)
The host initiates the access with the strobe signals (HDS1, HDS2, and HCS) and controls the direction of
the access with the HR/W signal. The HPI16 can stall host accesses via the HRDY signal. Note that the HPIC
register is not available in nonmultiplexed mode since there are no HCNTL signals available. All host accesses
initiate a DMA read or write access. Figure 3–12 shows a block diagram of the HPI16 in nonmultiplexed mode.
HOST
HPI-16
Data[15:0]
HD[15:0]
R/W
HR/W
Data strobes
HDS1, HDS2, HCS
HRDY
Ready
HPID[15:0]
DMA
C54x
CPU
Address[n:0]†
HA[n :0]†
† n = 0 to 18
Figure 3–12. Interfacing to the HPI-16 in Non-Multiplexed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com