Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5441 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 56Page - Texas Instruments TMS320VC5441 Datasheet HTML 57Page - Texas Instruments TMS320VC5441 Datasheet HTML 58Page - Texas Instruments TMS320VC5441 Datasheet HTML 59Page - Texas Instruments TMS320VC5441 Datasheet HTML 60Page - Texas Instruments TMS320VC5441 Datasheet HTML 61Page - Texas Instruments TMS320VC5441 Datasheet HTML 62Page - Texas Instruments TMS320VC5441 Datasheet HTML 63Page - Texas Instruments TMS320VC5441 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
Functional Overview
51
December 1999 – Revised April 2002
SPRS122E
Figure 3–30 shows the bit layout of the IMR and the IFR. Table 3–27 describes the bit functions.
15
14
13
12
11
10
9
8
Reserved
DMAC5
DMAC4
XINT1 or
DMAC3
RINT1 or
DMAC2
HPINT
Reserved
R/W
R/W
R/W
R/W
R/W
76
54
32
10
XINT2 or
DMAC1
RINT2 or
DMAC0
XINT0
RINT0
TINT
Reserved
WDTINT
INT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R = Read, W = Write
Figure 3–30. Bit Layout of the IMR and IFR Registers for Each Subsystem
Table 3–27. Bit Functions for IMR and IFR Registers for Each DSP Subsystem
BIT
NO.
BIT
NAME
BIT
VALUE
FUNCTION
15–14
Reserved
X
Register bit is reserved.
13
DMAC5
0
IFR/IMR: DMA Channel 5 has no interrupt pending/is disabled (masked).
13
DMAC5
1
IFR/IMR: DMA Channel 5 has an interrupt pending/is enabled.
12
DMAC4
0
IFR/IMR: DMA Channel 4 has no interrupt pending/is disabled (masked).
12
DMAC4
1
IFR/IMR: DMA Channel 4 has an interrupt pending/is enabled.
XINT1
0
IFR/IMR: McBSP_1 has no transmit interrupt pending/is disabled (masked).
11
XINT1
1
IFR/IMR: McBSP_1 has a transmit interrupt pending/is enabled.
11
DMAC3
0
IFR/IMR: DMA Channel 3 has no interrupt pending/is disabled (masked).
DMAC3
1
IFR/IMR: DMA Channel 3 has an interrupt pending/is enabled.
RINT1
0
IFR/IMR: McBSP_1 has no receive interrupt pending/is disabled (masked).
10
RINT1
1
IFR/IMR: McBSP_1 has a receive interrupt pending/is enabled.
10
DMAC2
0
IFR/IMR: DMA Channel 2 has no interrupt pending/is disabled (masked).
DMAC2
1
IFR/IMR: DMA Channel 2 has an interrupt pending/is enabled.
9
HPINT
0
IFR/IMR: Host-port interface has no DSPINT interrupt pending/is disabled (masked).
9
HPINT
1
IFR/IMR: Host-port interface has an DSPINT interrupt pending/is enabled.
8
Reserved
X
Register bit is reserved.
XINT2
0
IFR/IMR: McBSP_2 has no transmit interrupt pending/is disabled (masked).
7
XINT2
1
IFR/IMR: McBSP_2 has a transmit interrupt pending/is enabled.
7
DMAC1
0
IFR/IMR: DMA Channel 1 has no interrupt pending/is disabled (masked).
DMAC1
1
IFR/IMR: DMA Channel 1 has an interrupt pending/is enabled.
RINT2
0
IFR/IMR: McBSP_2 has no receive interrupt pending/is disabled (masked).
6
RINT2
1
IFR/IMR: McBSP_2 has a receive interrupt pending/is enabled.
6
DMAC0
0
IFR/IMR: DMA Channel 0 has no interrupt pending/is disabled (masked).
DMAC0
1
IFR/IMR: DMA Channel 0 has an interrupt pending/is enabled.
5
XINT0
0
IFR/IMR: McBSP_0 has no receive interrupt pending/is disabled (masked).
5
XINT0
1
IFR/IMR: McBSP_0 has a receive interrupt pending/is enabled.
4
RINT0
0
IFR/IMR: McBSP_0 has no receive interrupt pending/is disabled (masked).
4
RINT0
1
IFR/IMR: McBSP_0 has a receive interrupt pending/is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com