Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5441 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 55Page - Texas Instruments TMS320VC5441 Datasheet HTML 56Page - Texas Instruments TMS320VC5441 Datasheet HTML 57Page - Texas Instruments TMS320VC5441 Datasheet HTML 58Page - Texas Instruments TMS320VC5441 Datasheet HTML 59Page - Texas Instruments TMS320VC5441 Datasheet HTML 60Page - Texas Instruments TMS320VC5441 Datasheet HTML 61Page - Texas Instruments TMS320VC5441 Datasheet HTML 62Page - Texas Instruments TMS320VC5441 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
Functional Overview
50
December 1999 – Revised April 2002
SPRS122E
Table 3–25. DMA Subbank Addressed Registers (Continued)
NAME
DESCRIPTION
SUB-
ADDRESS
ADDRESS
DMSRCDP5
56h/57h
48h
DMA channel 5 extended source data page register
DMDSTDP5
56h/57h
49h
DMA channel 5 extended destination data page register
3.6
Interrupts
Vector-relative locations and priorities for all internal and external interrupts are shown in Table 3–26.
Table 3–26. 5441 Interrupt Locations and Priorities for Each DSP Subsystem
NAME
LOCATION
PRIORITY
FUNCTION
NAME
DECIMAL
HEX
PRIORITY
FUNCTION
RS, SINTR
0
00
1
Reset (Hardware and Software Reset)
NMI, SINT16
4
04
2
Nonmaskable Interrupt
SINT17
8
08
—
Software Interrupt #17
SINT18
12
0C
—
Software Interrupt #18
SINT19
16
10
—
Software Interrupt #19
SINT20
20
14
—
Software Interrupt #20
SINT21
24
18
—
Software Interrupt #21
SINT22
28
1C
—
Software Interrupt #22
SINT23
32
20
—
Software Interrupt #23
SINT24
36
24
—
Software Interrupt #24
SINT25
40
28
—
Software Interrupt #25
SINT26
44
2C
—
Software Interrupt #26
SINT27
48
30
—
Software Interrupt #27
SINT28
52
34
—
Software Interrupt #28
SINT29
56
38
—
Software Interrupt #29
SINT30
60
3C
—
Software Interrupt #30
INT, SINT0
64
40
3
External User Interrupt
WDTINT, SINT1
68
44
4
Watchdog Timer Interrupt
INT2, SINT2
72
48
5
Software interrupt #2
TINT, SINT3
76
4C
6
External Timer Interrupt
BRINT0, SINT4
80
50
7
BSP #0 Receive Interrupt
BXINT0, SINT5
84
54
8
BSP #0 Transmit Interrupt
BRINT2, DMAC0
88
58
9
BSP #2 Receive Interrupt or DMA Channel 0
BXINT2, DMAC1
92
5C
10
BSP #2 Receive Interrupt or DMA Channel 1
INT3, SINT8
96
60
11
Software interrupt #8
HPINT, SINT9
100
64
12
HPI Interrupt (from DSPINT in HPIC)
BRINT1, DMAC2
104
68
13
BSP #1 Receive Interrupt or DMA Channel 2
BXINT1, DMAC3
108
6C
14
BSP #1 transmit Interrupt or DMA channel 3
DMAC4, SINT12
112
70
15
DMA Channel 4
DMAC5, SINT13
116
74
16
DMA Channel 5
—
120–127
78–7F
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com