Electronic Components Datasheet Search
  English  ▼

X  

AP8366 Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # AP8366
Description  AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8366 Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  AP8366 Datasheet HTML 1Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 2Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 3Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 4Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 5Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 6Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 7Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 8Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8366
AC-DC PWM CONTROLLER
LOW STANDBY-POWER QUASI-RESONANT
PRIMARY-SIDE CONVERTER
REV1.2
- SEP 2017 RELEASED, SEP 2018 UPDATED -
- 4 -
ELECTRICAL CHARACTERISTICS
TA = 25℃, VDD= 21V, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power Section
Break-Down Voltage
-AP8366-A/B
BVDSS
ISW = 250uA, TJ = 25℃
650
700
-
V
Break-Down Voltage
-AP8366-C
BVDSS
ISW = 250uA, TJ = 25℃
790
830
-
V
Drain-Source on State
Resistance- AP8366-A
RDS(on)
ISW = 0.5A, TJ = 25℃
-
13.5
-
Ω
Drain-Source on State
Resistance- AP8366-B
RDS(on)
ISW = 0.5A, TJ = 25℃
-
8
-
Ω
Drain-Source on State
Resistance-AP8366-C
RDS(on)
ISW = 0.5A, TJ = 25℃
-
10
-
Ω
Off-State Drain Current
IOFF
VSW = 500V
-
-
100
uA
Start Up Threshold
VSW_START
VDD=VDDon - 1V
-
30
-
V
Supply Voltage Section
Operating Voltage Range
VDD
8
-
30
V
VDD Start Up Threshold
VDDon
14.5
16.5
18.5
V
VDD Under Voltage
Shutdown Threshold
VDDoff
7.5
8.5
9.5
V
VDD Over Voltage Protect
VDDovp
30
34
38
V
Supply Current Section
VDD Charge Current
IDD_CH
VDD=VDDon - 1V,
VSW=100V
-
0.85
-
mA
Operating Current,
Switching
IDD
VDD = VDDon+1V
0.3
0.5
0.7
mA
Operating Current After
Fault
IDD_FAULT
VDD=15V after fault
-
0.5
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com