Electronic Components Datasheet Search
  English  ▼

X  

AP8366 Datasheet(PDF) 13 Page - AiT Semiconductor Inc.

Part # AP8366
Description  AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8366 Datasheet(HTML) 13 Page - AiT Semiconductor Inc.

Back Button AP8366 Datasheet HTML 6Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 7Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 8Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 9Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 10Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 11Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 12Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 13Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 14Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8366
AC-DC PWM CONTROLLER
LOW STANDBY-POWER QUASI-RESONANT
PRIMARY-SIDE CONVERTER
REV1.2
- SEP 2017 RELEASED, SEP 2018 UPDATED -
- 13 -
PACKAGE INFORMATION
Dimension in SOP7 (Unit: mm)
Symbol
Min
Max
A
-
1.75
A1
0.10
0.225
A2
1.30
1.50
A3
0.60
0.70
b
0.39
0.48
b1
0.38
0.43
c
0.21
0.26
c1
0.19
0.21
D
4.70
5.10
E
5.80
6.20
E1
3.70
4.10
e
1.27 BSC
h
0.25
0.50
L
0.50
0.80
L1
1.05 BSC
θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com