Electronic Components Datasheet Search
  English  ▼

X  

AP8366 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # AP8366
Description  AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8366 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  AP8366 Datasheet HTML 1Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 2Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 3Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 4Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 5Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 6Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 7Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 8Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8366
AC-DC PWM CONTROLLER
LOW STANDBY-POWER QUASI-RESONANT
PRIMARY-SIDE CONVERTER
REV1.2
- SEP 2017 RELEASED, SEP 2018 UPDATED -
- 1 -
DESCRIPTION
FEATURES
The AP8366 consists of a Low Standby-Power
Quasi-Resonant (QR) Primary-Side controller and a
avalanche-rugged
smart
power
VDMOSFET
(AP8366-A/B 700V, AP8366-C 800V), specifically
designed for a high performance AC/DC charger or
adaptor with minimal external components. AP8366
operates in primary-side sensing and regulation, so
opto-coupler and A431 could be eliminated.
Because of internal HV Start-up circuit, the system
with AP8366 can achieve less than 30mW standby
power consumption (230VAC).
In CV mode, multi-mode and quasi resonant
technique is utilized to achieve high efficiency,
avoid audible noise and make the system meeting
Energy star class VI. Good load regulation is
achieved by the built-in cable drop compensation.
In CC mode, the current and output power setting
can be adjusted externally by the sense resistor
RCS at CS pin. AP8366 offers complete protections
including Cycle-by-Cycle current limiting protection
(OCP), over voltage protection (OVP), over
temperature protection (OTP) and CS open or short
protection (CSO/SP) etc.
The AP8366 is available in SOP7 package.
ORDERING INFORMATION
Package Type
Part Number
SOP7
SPQ: 4,000pcs/Reel
M7
AP8366M7R-Y
AP8366M7VR-Y
Note
Y: VBVDSS & RDS(ON)
A: 650V RDS(ON)=13.5Ω
B: 650V RDS(ON)=8Ω
C: 790V RDS(ON)=10Ω
V: Halogen free Package
R: Tape & Reel
AiT provides all RoHS products
Internal
avalanche-rugged
smart
power
VDMOSFET
Internal HV Start-up Circuit, Standby power
consumption < 30mW at 230VAC
Multi-mode and Quasi-Resonant technique
achieve high efficiency, meeting energy star
class VI
±5% CC Regulation at Universal AC input
Primary-side Sensing and Regulation without
A431 and Opto-coupler
Programmable Cable Drop Compensation
No-need
Control
Loop
Compensation
Capacitance
Excellent Protection Coverage:
Over Temperature Protection (OTP)
VDD
Under/Over
Voltage
Protection
(UVLO&OVP)
Cycle-by-Cycle Current Limiting (OCP)
CS Short/Open Protection (CS O/SP)
CV mode accurate: ±5%
Available in SOP7 Package
APPLICATION
Switch AC/DC Adaptor
Battery Charger
TYPICAL APPLICATION
Component Parameter and Layout Considerations:
1. VDD capacitor EC1 should be placed at the nearest place from
the VDD pin and the GND pin.


Similar Part No. - AP8366

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP836 ETC2-AP836 Datasheet
205Kb / 2P
35 Watts TO-220 High Power Resistors
logo
Ohmite Mfg. Co.
AP836 OHMITE-AP836 Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP836100RJ OHMITE-AP836100RJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP83610KJ OHMITE-AP83610KJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP83610RJ OHMITE-AP83610RJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
More results

Similar Description - AP8366

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Fuji Electric
FA5571 FUJI-FA5571 Datasheet
209Kb / 2P
Low Standby Power Quasi-Resonant Controller
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
AC-DC Quasi-Resonant Current Mode PWM Controller
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
Texas Instruments
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI1-LM5023_16 Datasheet
1Mb / 38P
AC-DC Quasi-Resonant Current Mode PWM Controller
logo
Dialog Semiconductor
IW1781 DIALOG-IW1781 Datasheet
366Kb / 6P
Rapid Charge??AC/DC Digital Quasi-Resonant PWM Controller
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
logo
Renesas Technology Corp
IW9860 RENESAS-IW9860 Datasheet
462Kb / 7P
Zero Standby Power AC/DC Digital Quasi-Resonant Flyback Controller for RapidChargeTM
01-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com