Electronic Components Datasheet Search
  English  ▼

X  

AP8366 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # AP8366
Description  AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8366 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  AP8366 Datasheet HTML 1Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 2Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 3Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 4Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 5Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 6Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 7Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 8Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8366
AC-DC PWM CONTROLLER
LOW STANDBY-POWER QUASI-RESONANT
PRIMARY-SIDE CONVERTER
REV1.2
- SEP 2017 RELEASED, SEP 2018 UPDATED -
- 2 -
PIN DESCRIPTION
Top View
Pin #
Symbol
Function
1
VDD
Power supply
2
NC
No connection
3
FB
The voltage feedback from auxiliary winding. Connected to resistor divider
from auxiliary winding reflecting output voltage.
4
CS
Current Sense Input
5, 6
SW
Avalanche-rugged power MOSFET Drain pin. The Drain pin is connected to
the primary lead of the transformer.
7
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com