Electronic Components Datasheet Search
  English  ▼

X  

AP8366 Datasheet(PDF) 11 Page - AiT Semiconductor Inc.

Part # AP8366
Description  AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8366 Datasheet(HTML) 11 Page - AiT Semiconductor Inc.

Back Button AP8366 Datasheet HTML 6Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 7Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 8Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 9Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 10Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 11Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 12Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 13Page - AiT Semiconductor Inc. AP8366 Datasheet HTML 14Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8366
AC-DC PWM CONTROLLER
LOW STANDBY-POWER QUASI-RESONANT
PRIMARY-SIDE CONVERTER
REV1.2
- SEP 2017 RELEASED, SEP 2018 UPDATED -
- 11 -
Current Sensing and Leading Edge Blanking
Cycle-by-Cycle current limiting is offered in AP8366. The switch current is detected by a sense resistor at CS
pin. The CC set-point and maximum output power can be externally adjusted by external current sense
resistor at CS pin. An internal leading edge blanking circuit chops off the sensed voltage spike at initial power
MOSFET on-state so that the external RC filtering on sense input is no longer needed.
Programmable Cable Drop Compensation
In AP8366, an offset voltage is generated at FB pin by an internal current flowing into the divider resister, as
shown in Figure 3. The Cable Drop Compensation block compensates the voltage drop across the cable. As
the load current decreases from full load to no load, the voltage drop across the cable decreases. It can be
programmed by adjusting the external resistor R2 or R1 at FB pin. The maximum compensation is
2.5V
(R2//R1)
x
I
V
V
cable
o
cable
(4)
Because of the influence of the chip’s sampling position and devices of the system, the actual maximum
compensation is less than theoretical value.
Figure 3. Icable
Reference Negative Temperature Compensation
As shown in Figure 3, the voltage of FB pin is
VFB = K(Vo+ΔV),
Ns
x
R2)
(R1
N
x
R2
K
AUX
(5)
Where ΔV has a negative temperature coefficient, K is a constant.
In AP8366, the voltage reference uses the negative temperature compensation technology. At room
temperature, the voltage reference is 2.5V. The voltage reference (VREF_CV) decreases while the temperature
of chip increases. The reference negative temperature compensation block compensates the ΔV, thus the
output voltage keeps constant at full range of temperature. The reference negative temperature
compensation improves output precision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com