Electronic Components Datasheet Search
  English  ▼

X  

AFE7906IALK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906IALK
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906IALK Datasheet(HTML) 3 Page - Texas Instruments

  AFE7906IALK Datasheet HTML 1Page - Texas Instruments AFE7906IALK Datasheet HTML 2Page - Texas Instruments AFE7906IALK Datasheet HTML 3Page - Texas Instruments AFE7906IALK Datasheet HTML 4Page - Texas Instruments AFE7906IALK Datasheet HTML 5Page - Texas Instruments AFE7906IALK Datasheet HTML 6Page - Texas Instruments AFE7906IALK Datasheet HTML 7Page - Texas Instruments AFE7906IALK Datasheet HTML 8Page - Texas Instruments AFE7906IALK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
4 Description (continued)
Each receiver chain includes a 25-dB range DSA (Digital Step Attenuator), followed by a 3-GSPS ADC (analog-
to-digital converter). Each receiver channel has an analog peak power detector and various digital power
detectors to assist an external or internal autonomous automatic gain controller, and RF overload detectors for
device reliability protection. Flexible decimation options provide optimization of data bandwidth up to 1200 MHz
for four RX without FB paths or 600 MHz with two FB paths (1200 MHz BW each).
The device contains a SYSREF timing detector to allow optimization of the SYSREF input timing relative to the
device clock.
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from March 11, 2022 to July 8, 2022 (from Revision A (March 2022) to Revision B
(July 2022))
Page
• Deleted ABJ from the Thermal Information table. The table applies to both ABJ and the ALK packages......... 4
• Changed 0RX - 3RX to 1RX - 4RX in several plots..........................................................................................40
• Changed 0RX - 3RX to 1RX - 4RX in several plots..........................................................................................45
Changes from Revision * (January 2022) to Revision A (March 2022)
Page
• Added Feature to Request the full data sheet.................................................................................................... 1
• Added the Specification tables to the data sheet................................................................................................4
•
Changed Power Mode 4 to fRX = 2.25 GHz.....................................................................................................15
• Added the Typical Characteristics section to the data sheet............................................................................ 19
www.ti.com
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com