Electronic Components Datasheet Search
  English  ▼

X  

AFE7906IALK Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906IALK
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906IALK Datasheet(HTML) 53 Page - Texas Instruments

Back Button AFE7906IALK Datasheet HTML 49Page - Texas Instruments AFE7906IALK Datasheet HTML 50Page - Texas Instruments AFE7906IALK Datasheet HTML 51Page - Texas Instruments AFE7906IALK Datasheet HTML 52Page - Texas Instruments AFE7906IALK Datasheet HTML 53Page - Texas Instruments AFE7906IALK Datasheet HTML 54Page - Texas Instruments AFE7906IALK Datasheet HTML 55Page - Texas Instruments AFE7906IALK Datasheet HTML 56Page - Texas Instruments AFE7906IALK Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
6.11.6 RX Typical Characteristics 4.9GHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
DSA (dB)
0
5
10
15
20
25
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
1RX
2RX
3RX
4RX
With 4.9 GHz matching
Integrated Amplitude Error = PIN(DSA Setting) – PIN(DSA
Setting = 0) + (DSA Setting)
Figure 6-179. RX Calibrated Integrated Amplitude Error vs DSA
Setting at 4.9 GHz
DSA (dB)
0
5
10
15
20
25
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
1RX
2RX
3RX
4RX
With 4.9 GHz matching
Differential Phase Error = PhaseIN(DSA Setting – 1) –
PhaseIN(DSA Setting)
Figure 6-180. RX Uncalibrated Differential Phase Error vs DSA
Setting at 4.9 GHz
DSA (dB)
0
5
10
15
20
25
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
1RX
2RX
3RX
4RX
With 4.9 GHz matching
Differential Phase Error = PhaseIN(DSA Setting – 1) –
PhaseIN(DSA Setting)
Figure 6-181. RX Calibrated Differential Phase Error vs DSA
Setting at 4.9 GHz
DSA (dB)
0
5
10
15
20
25
-6
-5
-4
-3
-2
-1
0
1
2
3
1RX
2RX
3RX
4RX
With 4.9 GHz matching
Integrated Phase Error = Phase(DSA Setting) – Phase(DSA
Setting = 0)
Figure 6-182. RX Uncalibrated Integrated Phase Error vs DSA
Setting at 4.9 GHz
DSA (dB)
0
5
10
15
20
25
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1RX
2RX
3RX
4RX
With 4.9 GHz matching
Integrated Phase Error = Phase(DSA Setting) – Phase(DSA
Setting = 0)
Figure 6-183. RX Calibrated Integrated Phase Error vs DSA
Setting at 4.9 GHz
Output Frequency (MHz)
-250 -200 -150 -100
-50
0
50
100
150
200
250
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 60dBFS
With 4.9 GHz matching, fIN = 4910 MHz, AIN= –3 dBFS
Figure 6-184. RX Output FFT at 4.9 GHz
www.ti.com
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com