Electronic Components Datasheet Search
  English  ▼

X  

AFE7906IALK Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906IALK
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906IALK Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE7906IALK Datasheet HTML 12Page - Texas Instruments AFE7906IALK Datasheet HTML 13Page - Texas Instruments AFE7906IALK Datasheet HTML 14Page - Texas Instruments AFE7906IALK Datasheet HTML 15Page - Texas Instruments AFE7906IALK Datasheet HTML 16Page - Texas Instruments AFE7906IALK Datasheet HTML 17Page - Texas Instruments AFE7906IALK Datasheet HTML 18Page - Texas Instruments AFE7906IALK Datasheet HTML 19Page - Texas Instruments AFE7906IALK Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
6.8 Power Supply Electrical Characteristics (continued)
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; fADC = 2949.12MSPS; nominal
power supplies; 1 tone at -1 dBFS; DSA Attenuation =0dB; SerDes rate = 24.33Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 5: 4R2F, fADC = 3 GSPS, DDCRX =
12x Decimation Dual Channel, DDCFB =
3x Decimation, fRX = 1.85 and 2.65 GHz,
8b/10b coding, 20 Gbps, RX: 4-16-8-1,
FB: 4-4-4-1
1005
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
562
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
17.5
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
837
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
92
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
68
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
2359
mA
Pdiss
Power Dissipation
6195
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 6: 4R, fADC = 3 GSPS, DDCRX =
12x Decimation Dual Channel, fRX = 1.85
and 2.65 GHz, 8b/10b coding, 20 Gbps,
RX: 4-16-8-1
671
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
374
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
17.5
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
555
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
75
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
67
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
1702
mA
Pdiss
Power Dissipation
4305
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 7: same configuration as mode 2,
Sleep Mode. SLEEP pin is pull high.
16
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
295
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
12
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
4
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
24
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
45
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
156
mA
Pdiss
Power Dissipation
818
mW
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com