Electronic Components Datasheet Search
  English  ▼

X  

AFE7906IALK Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906IALK
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906IALK Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE7906IALK Datasheet HTML 28Page - Texas Instruments AFE7906IALK Datasheet HTML 29Page - Texas Instruments AFE7906IALK Datasheet HTML 30Page - Texas Instruments AFE7906IALK Datasheet HTML 31Page - Texas Instruments AFE7906IALK Datasheet HTML 32Page - Texas Instruments AFE7906IALK Datasheet HTML 33Page - Texas Instruments AFE7906IALK Datasheet HTML 34Page - Texas Instruments AFE7906IALK Datasheet HTML 35Page - Texas Instruments AFE7906IALK Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
6.11.2 RX Typical Characteristics at 800MHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
Input Amplitude (dBFS)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-120
-115
-110
-105
-100
-95
-90
-85
-40 qC
25 qC
110qC
With 0.8 GHz matching, tone spacing = 20 MHz, DSA = 12 dB
Figure 6-68. RX IMD3 vs Input Level and Temperature at 0.8 GHz
Input Amplitude (dBFS)
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-120
-115
-110
-105
-100
-95
-90
-85
-40 qC
25 qC
110qC
With 0.8 GHz matching, tone spacing = 20 MHz, DSA = 12 dB
Figure 6-69. RX IMD5 vs Input Level and Temperature at 0.8 GHz
DSA (dB)
3
6
9
12
15
18
-95
-90
-85
-80
-75
-70
-65
-60
-55
1RX
2RX
3RX
4RX
With 0.8 GHz matching, measured after HD2 trim, DDC
bypass mode (TI only mode for characterization)
Figure 6-70. RX HD2 vs DSA Setting and Channel at 0.8 GHz
DSA (dB)
3
6
9
12
15
18
-87
-84
-81
-78
-75
-72
-69
-66
-63
-60
-40qC
25qC
110qC
With 0.8 GHz matching, measured after HD2 trim, DDC
bypass mode (TI only mode for characterization)
Figure 6-71. RX HD2 vs DSA Setting and Temperature at 0.8
GHz
Input Amplitude (dBFS)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
-96
-91
-86
-81
-76
-71
-66
-61
-40 qC, DSA=4dB
-40 qC, DSA=12dB
25 qC, DSA=4dB
25 qC, DSA=12dB
110 qC, DSA=4dB
110 qC, DSA=12dB
With 0.8 GHz matching, measured after HD2 trim, DDC
bypass mode (TI only mode for characterization)
Figure 6-72. RX HD2 vs Input Level and Temperature at 0.8 GHz
DSA (dB)
3
5
7
9
11
13
15
17 18
-94
-89
-84
-79
-74
-69
1RX
2RX
3RX
4RX
With 0.8 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 6-73. RX HD3 vs DSA Setting and Channel at 0.8 GHz
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com