Electronic Components Datasheet Search
  English  ▼

X  

AFE7906IALK Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906IALK
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906IALK Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE7906IALK Datasheet HTML 5Page - Texas Instruments AFE7906IALK Datasheet HTML 6Page - Texas Instruments AFE7906IALK Datasheet HTML 7Page - Texas Instruments AFE7906IALK Datasheet HTML 8Page - Texas Instruments AFE7906IALK Datasheet HTML 9Page - Texas Instruments AFE7906IALK Datasheet HTML 10Page - Texas Instruments AFE7906IALK Datasheet HTML 11Page - Texas Instruments AFE7906IALK Datasheet HTML 12Page - Texas Instruments AFE7906IALK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
6.5 RF ADC Electrical Characteristics (continued)
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; RX Output Rate = 491.52MSPS
below 6GHz input frequency and 1500MSPS above 6GHz input frequency, fADC = 2949.12MSPS; PLL clock mode with fREF
= 491.52MHz below 6GHz input frequency and External clock mode with fCLK = 2949.12MHz above 6GHz input frequency;
nominal power supplies; DSA Setting =3dB; SerDes rate =24.33Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SFDR
Spurious Free Dynamic Range
within output bandwidth, AIN = -3
dBFS
fIN = 5 MHz, fADC = 1500MSPS, fNCO
= 17MHz, Decimate by 48
78
dBFS
fIN = 30 MHz, fADC = 1500MSPS, fNCO
= 30MHz, Decimate by 24
100
fIN = 410 MHz, fADC =
3000MSPS, fNCO = 400MHz,
Decimate by 24
94
fIN = 830 MHz
88
fIN = 1760 MHz
81
fIN = 2610 MHz
88
fIN = 3610 MHz
84
fIN = 4910 MHz
79
fIN = 8150 MHz
78
fIN = 9610 MHz
71
HD2
2nd Harmonic Distortion
AIN = -3 dBFS(2)
fIN = 5 MHz, fADC = 1500MSPS, fNCO
= 17MHz, Decimate by 48
-84
dBFS
fIN = 30 MHz, fADC = 1500MSPS,
Bypass Mode (TI only test mode)
-91
fIN = 410 MHz, fADC = 3000MSPS,
Bypass Mode (TI only test mode)
-90
fIN = 830 MHz
-86
fIN = 1760 MHz
-90
fIN = 2610 MHz
-88
fIN = 3610 MHz
-87
fIN = 4910 MHz
-84
fIN = 8150 MHz
-70
fIN = 9610 MHz
-70
HD3
3rd Harmonic Distortion
AIN = -3 dBFS
fIN = 5 MHz, fADC = 1500MSPS, fNCO
= 17MHz, Decimate by 48
-78
dBFS
fIN = 30 MHz, fADC = 1500MSPS,
Bypass Mode (TI only test mode)
-96
fIN = 410 MHz, fADC = 3000MSPS,
Bypass Mode (TI only test mode)
-94
fIN = 830 MHz
-80
fIN = 1760 MHz
-85
fIN = 2610 MHz
-86
fIN = 3610 MHz
-78
fIN = 4910 MHz
-75
fIN = 8150 MHz
-70
fIN = 9610 MHz
-70
www.ti.com
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com