Electronic Components Datasheet Search
  English  ▼

X  

TPS38 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS38
Description  TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS38 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS38 Datasheet HTML 8Page - Texas Instruments TPS38 Datasheet HTML 9Page - Texas Instruments TPS38 Datasheet HTML 10Page - Texas Instruments TPS38 Datasheet HTML 11Page - Texas Instruments TPS38 Datasheet HTML 12Page - Texas Instruments TPS38 Datasheet HTML 13Page - Texas Instruments TPS38 Datasheet HTML 14Page - Texas Instruments TPS38 Datasheet HTML 15Page - Texas Instruments TPS38 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
7.8 Typical Characteristics
Typical characteristics show the typical performance of the TPS38-Q1 device. Test conditions are TA = 25°C, RPU = 100 kΩ,
CLoad = 50 pF, unless otherwise noted.
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
-40oC
25oC
125oC
RESET = High, VIT = 2.7 V
Figure 7-3. VDD vs IDD (RESET = High, VIT = 2.7 V)
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-40oC
25oC
125oC
RESET = Low, VIT = 2.7 V
Figure 7-4. VDD vs IDD (RESET = Low, VIT = 2.7 V)
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
-40C
25oC
125C
RESET = High, VIT = 0.8 V
Figure 7-5. VDD vs IDD (RESET = High, VIT = 0.8 V)
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-40oC
25oC
125oC
RESET = Low, VIT = 0.8 V
Figure 7-6. VDD vs IDD (RESET = Low, VIT = 0.8 V)
Sense Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
200
400
600
800
1000
1200
1400
1600
-40oC
25oC
125oC
VDD = 2.7 V
Figure 7-7. VSENSE vs ISENSE
Sense Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
200
400
600
800
1000
1200
1400
1600
-40oC
25oC
125oC
VDD = 65 V
Figure 7-8. VSENSE vs ISENSE
TPS38-Q1
SNVSBI8C – AUGUST 2020 – REVISED DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS38-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com